Electronic Components Datasheet Search
  English  ▼

X  

AD5696 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5696
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5696 Datasheet HTML 5Page - Analog Devices AD5696 Datasheet HTML 6Page - Analog Devices AD5696 Datasheet HTML 7Page - Analog Devices AD5696 Datasheet HTML 8Page - Analog Devices AD5696 Datasheet HTML 9Page - Analog Devices AD5696 Datasheet HTML 10Page - Analog Devices AD5696 Datasheet HTML 11Page - Analog Devices AD5696 Datasheet HTML 12Page - Analog Devices AD5696 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. AD5696 INL
Figure 6. AD5694 INL
Figure 7. AD5696 DNL
Figure 8. AD5694 DNL
Figure 9. INL Error and DNL Error vs. Temperature
Figure 10. INL Error and DNL Error vs. VREF
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
10000
20000
30000
40000
50000
60000
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
10000
20000
30000
40000
50000
60000
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com