Electronic Components Datasheet Search
  English  ▼

X  

AD5696 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5696
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5696 Datasheet HTML 13Page - Analog Devices AD5696 Datasheet HTML 14Page - Analog Devices AD5696 Datasheet HTML 15Page - Analog Devices AD5696 Datasheet HTML 16Page - Analog Devices AD5696 Datasheet HTML 17Page - Analog Devices AD5696 Datasheet HTML 18Page - Analog Devices AD5696 Datasheet HTML 19Page - Analog Devices AD5696 Datasheet HTML 20Page - Analog Devices AD5696 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 17 of 24
SERIAL INTERFACE
The AD5696/AD5694 have a 2-wire, I2C-compatible serial
interface (see the I2
C-Bus Specification, Version 2.1, January
2000, available from Philips Semiconductor). See Figure 2 for a
timing diagram of a typical write sequence. The AD5696/AD5694
can be connected to an I2C bus as slave devices, under the control
of a master device. The AD5696/AD5694 support standard
(100 kHz) and fast (400 kHz) data transfer modes. Support is
not provided for 10-bit addressing or general call addressing.
Input Shift Register
The input shift register of the AD5696/AD5694 is 24 bits wide.
Data is loaded into the device, MSB first, as a 24-bit word under
the control of the serial clock input, SCL. The first eight MSBs
make up the command byte (see Figure 35 and Figure 36).
•
The first four bits of the command byte are the command
bits (C3, C2, C1, and C0), which control the mode of oper-
ation of the device (see Table 8).
•
The last four bits of the command byte are the address bits
(DAC D, DAC C, DAC B, and DAC A), which select the
DAC that is operated on by the command (see Table 9).
The 8-bit command byte is followed by two data bytes, which
contain the data-word. For the AD5696, the data-word comprises
the 16-bit input code (see Figure 35); for the AD5694, the data-
word comprises the 12-bit input code followed by four don’t care
bits (see Figure 36). The data bits are transferred to the input
shift register on the 24 falling edges of SCL.
Commands can be executed on one DAC channel, any two or
three DAC channels, or on all four DAC channels, depending
on the address bits selected (see Table 9).
Table 8. Command Definitions
Command Bits
C3
C2
C1
C0
Command
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent
on LDAC)
0
0
1
0
Update DAC Register n with contents
of Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Reserved
1
X1
X1
X1
Reserved
1
X = don’t care.
Table 9. Address Bits and Selected DACs
Address Bits
Selected DAC Channels1
DAC D
DAC C
DAC B
DAC A
0
0
0
1
DAC A
0
0
1
0
DAC B
0
0
1
1
DAC A and DAC B
0
1
0
0
DAC C
0
1
0
1
DAC A and DAC C
0
1
1
0
DAC B and DAC C
0
1
1
1
DAC A, DAC B, and DAC C
1
0
0
0
DAC D
1
0
0
1
DAC A and DAC D
…
…
…
…
…
1
1
1
1
All DACs
1
Any combination of DAC channels can be selected using the address bits.
Figure 35. Input Shift Register Contents, AD5696
Figure 36. Input Shift Register Contents, AD5694
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3
C2
C1
C0
DAC D DAC C DAC B DAC A
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C3
C2
C1
C0
DAC D DAC C DAC B DAC A
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
COMMAND
DAC ADDRESS
DAC DATA
DAC DATA
COMMAND BYTE
DATA HIGH BYTE
DATA LOW BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com