Electronic Components Datasheet Search
  English  ▼

X  

50837 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # 50837
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

50837 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button 50837 Datasheet HTML 2Page - Analog Intergrations Corporation 50837 Datasheet HTML 3Page - Analog Intergrations Corporation 50837 Datasheet HTML 4Page - Analog Intergrations Corporation 50837 Datasheet HTML 5Page - Analog Intergrations Corporation 50837 Datasheet HTML 6Page - Analog Intergrations Corporation 50837 Datasheet HTML 7Page - Analog Intergrations Corporation 50837 Datasheet HTML 8Page - Analog Intergrations Corporation 50837 Datasheet HTML 9Page - Analog Intergrations Corporation 50837 Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Insulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
6
Tongue
Dimensions
Wire
Part Numbers
Wire Size
Material
Stud
Terminal
Insulation
Body
Circular Mils
Thickness
Size
W
C
E
L
Insulation
Diameter
Plating1
Loose
Tape
[mm2]
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
.281
.219
.794
.937
.214
4
7.14
5.56
20.17
23.80
Black
5.44
Nickel
50844
—
6
.375
.302
.893
1.083
.214
M3.5
9.53
7.67
22.68
27.51
Black
5.44
Nickel
50845
—
8
.375
.302
.893
1.083
.214
M4
9.53
7.67
22.68
27.51
Black
5.44
Nickel
50845-1
—
.375
.302
.893
1.083
.214
12-10
.042
9.53
7.67
22.68
27.51
Black
5.44
Nickel
50845-2
—
5,180-13,100
1.07
10
.375
.302
.893
1.083
.214
[2.62-6.64]
9.53
7.67
22.68
27.51
Black
5.44
Gold
1-332446-1
—
1/4
.531
.437
1.012
1.280
.214
M6
13.49
11.10
25.70
32.51
Black
5.44
Nickel
50846
—
5/16
.531
.468
1.059
1.327
.214
M8
13.49
11.89
26.90
33.71
Black
5.44
Nickel
50847
—
.593
.531
1.106
1.405
.214
3/8
15.06
13.49
28.09
35.69
Black
5.44
Nickel
50848
—
1Nickel plated parts are to be used with nickel plated wire. Gold plated parts are to be used with silver plated wire.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
PIDG (Pre-Insulated
Diamond Grip)
Ring Tongue Terminals
(Insulation Restricting)
Temperature Rating,
Material and Finish
Insulation — TEFLON
Terminal Body and Metallic
Sleeve — Copper per ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]
Wire Size
Tongue
Dimensions
Wire
Material
Stud
Terminal
Insulation
Part Numbers
Circular Mils
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose Piece
[mm2]
Max.
Min.
Max.
Max.
Color
Max.
24
.020
.300
.281
.652
.807
.055
475
0.51
10
7.62
7.14
16.56
20.50
Blue
1.40
55114-1
[0.24]
22
.025
.281
.250
.666
.809
.110
754
0.64
4
7.14
6.35
16.92
20.55
Green
2.79
53572-1
[0.38]
12
.042
.375
.302
.933
1.123
.200
6,654
1.07
10
9.53
7.67
23.70
28.52
Yellow
5.08
53587-1
[3.37]
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
PIDG (Pre-Insulated
Diamond Grip)
Ring Tongue Terminals
(Continued)
Related Product Data
Application Tooling — pages 17-21
Related Product Data
Application Tooling — pages 17-21
Temperature Rating,
Material and Finish
Insulation — TEFLON
Terminal Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]. Gold per MIL-G-
45204 over Nickel per QQ-N-290
500°F [260°C]
Metallic Sleeve — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com