Electronic Components Datasheet Search
  English  ▼

X  

50837 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # 50837
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

50837 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  50837 Datasheet HTML 1Page - Analog Intergrations Corporation 50837 Datasheet HTML 2Page - Analog Intergrations Corporation 50837 Datasheet HTML 3Page - Analog Intergrations Corporation 50837 Datasheet HTML 4Page - Analog Intergrations Corporation 50837 Datasheet HTML 5Page - Analog Intergrations Corporation 50837 Datasheet HTML 6Page - Analog Intergrations Corporation 50837 Datasheet HTML 7Page - Analog Intergrations Corporation 50837 Datasheet HTML 8Page - Analog Intergrations Corporation 50837 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Need more information?
Call the AMP Product
Information Center:
1-800-522-6752
The Product Information
Center is staffed with
specialists well versed in all
AMP products. The Center
can provide you with:
s
Technical Support
s
Catalogs
s
Technical Documents
s
Product Samples
s
AMP Authorized
Distributor Locations
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Heat…extreme heat…sear-
ing temperatures up to
1200°F [649°C]. This is one
of the most challenging
environments that electrical/
electronic circuitry has ever
entered.
If heat is an unavoidable
dimension in your circuit
design and production, this
product is an important ally.
In this AMP line of
STRATO-THERM terminals
and splices, you’ll find high
temperature circuit hard-
ware. You’ll also find solu-
tions to other more familiar
circuit problems such as
vibration, corrosion and
flash-over, when they occur
at high temperatures.
Different types of high tem-
perature terminals and
splices found in this catalog
are as follows:
PIDG Terminals and
Splices, and Pre-Insulated
Spare Wire Caps — 550°F
[288°C] Range
PIDG Insulation Restriction
Terminals — 550°F [288°C]
Range
Post-Insulated Terminals
and Splices — 550°F [288°C]
Range
Uninsulated Terminals and
Splices — 650°F [343°C]
Range
Uninsulated Terminals and
Splices — 1200°F [649°C]
Range
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
1
Specifications subject to change.
Consult AMP Incorporated for latest
design specifications.
© Copyright 1965, 1966, 1970, 1972,
1973, 1974, 1975, 1977, 1980, 1983,
1991 and 1998 by AMP Incorporated.
All Rights Reserved.
AMP, STRATO-THERM, PIDG,
DIAMOND GRIP, SOLISTRAND,
CERTI-CRIMP, AMP-TAPETRONIC,
DYNA-CRIMP are Trademarks.
TEFLON — Trademark of E.I. duPont, Inc.
Product Facts
s
Product available in tem-
perature ranges of 500°F
[260°C], 550°F [288°C],
650°F [343°C] and 1200°F
[649°C]
s
Product employs the
famous “W” and “C” crimp
s
Wide range of wire sizes
s
Complete line of related
application tooling
s
Accommodates solid
and/or stranded conductors


Similar Part No. - 50837

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50837-8000 MOLEX-50837-8000 Datasheet
310Kb / 2P
2.50mm (.098") Pitch Mini-Lock?
50837-8000 MOLEX7-50837-8000 Datasheet
88Kb / 3P
2.50mm (.098") Pitch Mini-Lock??Crimp Terminal, Reel
50837-8100 MOLEX-50837-8100 Datasheet
310Kb / 2P
2.50mm (.098") Pitch Mini-Lock?
50837-8100 MOLEX7-50837-8100 Datasheet
86Kb / 3P
2.50mm (.098") Pitch Mini-Lock??Crimp Terminal, Bag
508378000 MOLEX-508378000 Datasheet
76Kb / 3P
Hand Crimp Tool for Wire-to- Board Terminals
Jun 05, 2025
More results

Similar Description - 50837

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
50845-1 MACOM-50845-1 Datasheet
28Kb / 1P
WIRE TERMINAL PIDG-STRATO-THERM-RING TONGUE WIRE SIZE: 12-10
576782 MACOM-576782 Datasheet
326Kb / 7P
PIDG STRATO-THERM Terminal Crimping Tools
5767154-3 MACOM-5767154-3 Datasheet
326Kb / 7P
PIDG STRATO-THERM Terminal Crimping Tools
323063 MACOM-323063 Datasheet
91Kb / 1P
TERMINAL, RING TONGUE, HEAT RESISTANT, STRATO-THERM
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
STRATO-THERM Die Head Assembly
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com