Electronic Components Datasheet Search
  English  ▼

X  

AS3410 Datasheet(PDF) 15 Page - ams AG

Part # AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 15 Page - ams AG

Back Button AS3410 Datasheet HTML 11Page - ams AG AS3410 Datasheet HTML 12Page - ams AG AS3410 Datasheet HTML 13Page - ams AG AS3410 Datasheet HTML 14Page - ams AG AS3410 Datasheet HTML 15Page - ams AG AS3410 Datasheet HTML 16Page - ams AG AS3410 Datasheet HTML 17Page - ams AG AS3410 Datasheet HTML 18Page - ams AG AS3410 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
15 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.2.3 Parameter
VBAT=1.5V, TA= 25ºC unless otherwise specified.
Table 5. Microphone Input Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VMICIN0
Input Signal Level
AMIC = 30dB
20
mVP
VMICIN1AMIC = 36dB
10
mVP
VMICIN2AMIC = 42dB
5
mVP
RMICIN
Input Impedance
MICP to AGND
7.5
k
Ω
ΔMICIN
Input Impedance Tolerance
-7
+33
%
CMICIN
Input Capacitance
5pF
AMIC
Programmable Gain
-6
+41.6
dB
Gain Steps
Discrete logarithmic gain steps
0.375
dB
Gain Step Precision
0.15
dB
ΔAMIC
Gain Ramp Rate
Tinit=64ms
4
ms/step
VATTACK
Limiter Activation Level
VPEAK related to VBAT or VNEG
0.67
1
VDECAY
Limiter Release Level
0.4
1
AMICLIMIT
Limiter Gain Overdrive
127 @ 0.375dB
41.625
dB
tATTACK
Limiter Attack Time
5µs/step
tDECAY-DEB
Limiter Decay Debouncing Time
64
ms
tDECAY
Limiter Decay Time
4ms/step
VMICS
Microphone Supply Voltage
VBAT*2-
240mV
V
IMICSMIN
Min. Microphone Supply Current
VBAT=+1.0V
VNEG=-0.7V
MICS=+1.75V
650
µA
ROUT_CP
CP Output Resistance
1300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com