Electronic Components Datasheet Search
  English  ▼

X  

AS3410 Datasheet(PDF) 31 Page - ams AG

Part # AS3410
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 31 Page - ams AG

Back Button AS3410 Datasheet HTML 27Page - ams AG AS3410 Datasheet HTML 28Page - ams AG AS3410 Datasheet HTML 29Page - ams AG AS3410 Datasheet HTML 30Page - ams AG AS3410 Datasheet HTML 31Page - ams AG AS3410 Datasheet HTML 32Page - ams AG AS3410 Datasheet HTML 33Page - ams AG AS3410 Datasheet HTML 34Page - ams AG AS3410 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
31 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 19. GP_OP_R Register
Name
Base
Default
GP_OP_R
2-wire serial
00h
Offset: 0Ch
Right General Purpose Operational Amplifier Register
Enables the right opamp stages, defines opamp 2 mode and gain and sets the HP mode. This register is
reset at POR.
Bit
Bit Name
Default
Access
Bit Description
7
OP_REG_ON
0
R/W
Defines which register is used for the opamp and HP settings.
0: settings of register 33h and 34h are used
1: register 0B and 0Ch are used
6
HP_MODE
0
R/W
Selects the line input mode
0: single ended stereo mode
1: mono differential mode
5:2
OP2R<3:0>
0000
R/W
Mode and volume settings for right OP2, adjustable in 15 steps of 0.75dB
0000: OP2R in inverting mode
0001: 0 dB gain, OP2R in non inverting mode
0001: 0.75 dB gain, non inverting
..,
1110: 9.75dB gain, non inverting
1111:.10.5 dB gain, non inverting
1
OP2R_ON
0
R/W
Enables right OP 2
0: right OP2 is switched off
1: right OP2 is enabled
0
OP1R_ON
0
R/W
Enables right OP 1
0: right OP1 is switched off
1: right OP1 is enabled
Table 20. SYSTEM Register
Name
Base
Default
SYSTEM
2-wire serial
31h
Offset: 20h
SYSTEM Register
This register is reset at a POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
Design_Version<3:0>
0100
R
AFE number to identify the design version
0100: for chip version 1v0
3
TESTREG_ON
0
R/W
0: normal operation
1: enables writing to test register 3Eh & 3Fh to configure the OTP and set
the access mode.
2
MONITOR_ON
0
R/W
Enables the monitor mode
0: normal operation
1: monitor mode enabled
1
CONT_PWRUP
0
R/W
Continues the automatic power-up sequence when using the I2C mode
0: chip stops the power-up sequence after the supplies are stable,
switching on individual blocks has to be done via I2C commands
1: automatic power-up sequence is continued
0
PWR_HOLD
1
R/W
0: power up hold is cleared and AFE will power down
1: is automatically set to on after power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com