Electronic Components Datasheet Search
  English  ▼

X  

SP330E Datasheet(PDF) 11 Page - Exar Corporation

Part # SP330E
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330E Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP330E Datasheet HTML 7Page - Exar Corporation SP330E Datasheet HTML 8Page - Exar Corporation SP330E Datasheet HTML 9Page - Exar Corporation SP330E Datasheet HTML 10Page - Exar Corporation SP330E Datasheet HTML 11Page - Exar Corporation SP330E Datasheet HTML 12Page - Exar Corporation SP330E Datasheet HTML 13Page - Exar Corporation SP330E Datasheet HTML 14Page - Exar Corporation SP330E Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SP330E
11
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
FIGURE 2. RS-485 FULL DUPLEX MODE
Pin 18 has a 300k
internal pull-down (not shown).
V+
C2+
C2-
V-
GND
____
HALF/FULL
______
RS-485/RS-232
Z
Y
RO
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
C2
0.1µF
C3
0.1µF
Cc
1.0µF
C4
0.1µF
C1
0.1µF
C1+
VL
VCC
C1-
GND
_____
SHDN
_____
SLEW
DI
DE
__
RE
B
A
SP330
24 pin TSSOP
RS-485 Full Duplex
R
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com