Electronic Components Datasheet Search
  English  ▼

X  

SP330E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP330E
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330E Datasheet(HTML) 1 Page - Exar Corporation

  SP330E Datasheet HTML 1Page - Exar Corporation SP330E Datasheet HTML 2Page - Exar Corporation SP330E Datasheet HTML 3Page - Exar Corporation SP330E Datasheet HTML 4Page - Exar Corporation SP330E Datasheet HTML 5Page - Exar Corporation SP330E Datasheet HTML 6Page - Exar Corporation SP330E Datasheet HTML 7Page - Exar Corporation SP330E Datasheet HTML 8Page - Exar Corporation SP330E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
SP330E
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
November 2013
Rev. 1.0.0
GENERAL DESCRIPTION
The SP330 is an advanced multiprotocol transceiver
supporting RS-232, RS-485, and RS-422 serial
standards and featuring a variable low voltage logic
interface, down to 1.65V. Full operation requires only
four external charge pump capacitors.
The RS-485/RS-232 mode pin selects RS-485 mode
when high, and RS-232 mode when low. In RS-485
mode the HALF/FULL pin configures the transceiver
as either half or full duplex.
The high speed drivers operate up to 20Mbps in RS-
485/422 modes, and up to 1Mbps in RS-232 mode.
All drivers can be slew limited to 250kbps in any
mode to minimize electromagnetic interference (EMI)
by setting the dedicated SLEW pin low.
All transmitter outputs and receiver inputs feature
robust electrostatic discharge (ESD) protection to
±15kV IEC 61000-4-2 Airgap, ±15kV Human Body
Model (HBM) and ±8kV IEC 61000-4-2 Contact. Each
receiver output has full fail-safe protection to avoid
system lockup, oscillation, or indeterminate states by
defaulting to logic-high output level when the inputs
are open, shorted, or terminated but undriven. No
external biasing resistors are required.
The RS-232 receiver inputs include a 5k pull-down
to ground when in RS-232 mode. The RS-485/422
receiver inputs are high impedance (>96k), allowing
up to 256 devices on a single communication bus
(1/8th unit load).
The SP330 operates from a single power supply,
either 3.3V or 5V, with low idle current. The shutdown
mode consumes less than 1µA in low power standby
operation with RS-232 receivers enabled.
FEATURES
Robust ESD Protection:
■ ±15kV IEC 61000-4-2 Air Gap Discharge
■ ± 8kV IEC 61000-4-2 Contact Discharge
■ ±15kV Human Body Model (HBM)
20Mbps RS-485 and 1Mbps RS-232 Data Rates
Pin-Selectable 250kbps Slew Limiting
Single Supply Operation from +3V to +5.5V
1.65V to 5.5V Logic Interface V
L pin
2 Drivers, 2 Receivers RS-232/V.28
1 Driver, 1 Receiver RS-485/422
■ Full or Half Duplex Configuration
■ 1/8th Unit Load, up to 256 receivers on bus
RS-485/422 Enhanced Receiver Fail-safe for open,
shorted, or terminated but idle inputs
10nA Shutdown Supply Current (typical)
Small 24 TSSOP package
TYPICAL APPLICATIONS
Software Programmable Serial Ports
(RS-232, RS-422, RS-485)
Industrial and Single Board Computers
Industrial and Process Control Equipment
Point-Of-Sale Equipment
HVAC Controls and Networking Equipment
Building Security and Automation
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
SP330EEY-L
24-pin TSSOP
-40°C to +85°C
Active
SP330EEY-L/TR
24-pin TSSOP
-40°C to +85°C
Active
NOTE: SP330EEY-L and SP330EEY-L/TR are Green / RoHS Compliant


Similar Part No. - SP330E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-LTR EXAR-SP330EEY-LTR Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results

Similar Description - SP330E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com