Electronic Components Datasheet Search
  English  ▼

X  

SBB503R3SCKA Datasheet(PDF) 5 Page - International Rectifier

Part # SBB503R3SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB503R3SCKA Datasheet(HTML) 5 Page - International Rectifier

  SBB503R3SCKA Datasheet HTML 1Page - International Rectifier SBB503R3SCKA Datasheet HTML 2Page - International Rectifier SBB503R3SCKA Datasheet HTML 3Page - International Rectifier SBB503R3SCKA Datasheet HTML 4Page - International Rectifier SBB503R3SCKA Datasheet HTML 5Page - International Rectifier SBB503R3SCKA Datasheet HTML 6Page - International Rectifier SBB503R3SCKA Datasheet HTML 7Page - International Rectifier SBB503R3SCKA Datasheet HTML 8Page - International Rectifier SBB503R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
SBB SERIES
Single Output
For Notes to Electrical Performance Characteristics Table, refer to page 6
Electrical Performance Characteristics ( continued )
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 5.0V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
IOUT = 0, Pin 10 open
130
200
Input current (IIN)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
Pin 10 shorted to pin 2
40
50
mA
Output ripple (VRIP)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VIN = 4.5, 5.0, 5.5 Volts
IOUT = 100% rated load,
Note 3
30
30
30
30
25
20
mV p-p
Efficiency (EFF)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
IOUT = 100% rated load
67
70
73
76
82
86
%
Enable Input (Inhibit Function)
Open circuit voltage
Drive current (sink)
Voltage range
1,2,3
Note 1
VIN - 0.8
-0.5
VIN
500
50
V
µA
V
Synchronization Input
Frequency range
Pulse high level
Pulse low level
Pulse transition time
Pulse duty cycle
1,2,3
External clock for Sync Input (Pin 9)
Note 1
360
Vin -0.5
-0.5
20
440
Vin +0.5
+0.5
50
80
KHz
V
V
nS
%
Current Limit point
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
VOUT = 90% of Nominal
14.5
14.5
14.5
14.5
12.5
9.5
21.5
21.5
21.5
21.5
17.9
13.7
A
Power dissipation, load fault (PD)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
1,2,3
Short Circuit, Overload, Note 5
11
11
11
11
9.5
8.0
W
Output response to
Step load changes (VTLD)
SBB501S
SBB501R2S
SBB501R5S
SBB501R8S
SBB502R5S
SBB503R3S
4,5,6
Half Load to/from Full Load, Note 6
-150
-150
-150
-150
-200
-200
150
150
150
150
200
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com