Electronic Components Datasheet Search
  English  ▼

X  

CAT513 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT513
Description  8-Bit Dual Digital POT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT513 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT513 Datasheet HTML 2Page - Catalyst Semiconductor CAT513 Datasheet HTML 3Page - Catalyst Semiconductor CAT513 Datasheet HTML 4Page - Catalyst Semiconductor CAT513 Datasheet HTML 5Page - Catalyst Semiconductor CAT513 Datasheet HTML 6Page - Catalyst Semiconductor CAT513 Datasheet HTML 7Page - Catalyst Semiconductor CAT513 Datasheet HTML 8Page - Catalyst Semiconductor CAT513 Datasheet HTML 9Page - Catalyst Semiconductor CAT513 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT513
7
Advance Information
Doc. No. ___________ 3/01 M-1
APPLICATION CIRCUITS
Buffered DAC Output
Amplified DAC Output
this value is the same as that which had been there
previously no change in the DAC’s output is noticed.
Had the value held in the control register been different
from that stored in EEPROM then
a change would occur
at the read cycle’s conclusion.
TEMPORARILY CHANGE OUTPUT
The CAT513 allows temporary changes in DAC’s output
to be made without disturbing the settings retained in
EEPROM memory. This feature is particularly useful
when testing for a new output setting and allows for user
adjustment of preset or default values without losing the
original factory settings.
Figure 3 shows the control and data signals needed to
effect a temporary output change. DAC settings may be
changed as many times as required and can be made to
any of the four DACs in any order or sequence. The
temporary setting(s) remain in effect long as CS remains
high. When CS returns low all four DACs will return to the
output values stored in EEPROM memory.
When it is desired to save a new setting acquired using
Bipolar DAC Output
OPT 504
GND
VDD
V
H
REF
V
L
REF
CONTROL
& DATA
+
–
OP 07
VOUT
-15V
+15V
+5V
V
= V
OUT
DAC
OPT 504
GND
VDD
V
H
REF
V
L
REF
CONTROL
& DATA
+
–
OP 07
VOUT
-15V
+15V
+5V
RR
i
F
V
= (1 + –––) V
OUT
DAC
RF
R I
OPT 504
GND
VDD
V
H
REF
V
L
REF
CONTROL
& DATA
+
–
OP 07
V
=
(
) -V
OUT
RF
R +
i
-15V
+15V
+5V
RR
i
F
Ri
i
RF
VDAC
For R =
i
RF
V
= 2V
-V
OUT
i
DAC
Vi
VOUT
MSB
LSB
1111
1111
—— (.98 V
) + .01 V
= .990 V
V
= +4.90V
1000
0000
—— (.98 V
) + .01 V
= .502 V
V
= +0.02V
0111
1111
—— (.98 V
) + .01 V
= .498 V
V
= -0.02V
0000
0001
—— (.98 V
) + .01 V
= .014 V
V
= -4.86V
0000
0000
—— (.98 V
) + .01 V
= .010 V
V
= -4.90V
REF
REF
REF
IF
V
= 5V
REF
255
255
OUT
DAC INPUT
DAC OUTPUT
ANALOG
R = R
OUTPUT
REF
REF
REF
OUT
128
255
127
255
REF
REF
REF
OUT
1
255
REF
REF
REF
OUT
REF
REF
REF
OUT
0
255
V
= 0.99 V
FS
REF
V
= 0.01 V
ZERO
REF
V
= ——— (V
- V
) + V
DAC
CODE
255
FS
ZERO
ZERO
Figure 3. Temporary Change in Output
CAT513
CAT513
CAT513
this feature, the new value must be reloaded into the
DAC control register prior to programming. This is be-
cause the CAT513’s internal control circuitry discards
the new data from the programming register two clock
cycles after receiving it (after reception is complete) if no
PROG signal is received.
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DAC DATA
CURRENT DAC DATA
DO
DI
CS
PROG
DAC
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
CURRENT
DAC VALUE
NON-VOLATILE
NEW
DAC VALUE
VOLATILE
CURRENT
DAC VALUE
NON-VOLATILE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com