Electronic Components Datasheet Search
  English  ▼

X  

NE021 Datasheet(PDF) 8 Page - California Eastern Labs

Part # NE021
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE021 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NE021 Datasheet HTML 4Page - California Eastern Labs NE021 Datasheet HTML 5Page - California Eastern Labs NE021 Datasheet HTML 6Page - California Eastern Labs NE021 Datasheet HTML 7Page - California Eastern Labs NE021 Datasheet HTML 8Page - California Eastern Labs NE021 Datasheet HTML 9Page - California Eastern Labs NE021 Datasheet HTML 10Page - California Eastern Labs NE021 Datasheet HTML 11Page - California Eastern Labs NE021 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NE021 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHZ
(VCE = 10 V, IC = 20 mA)
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE02133
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.80
-37
13.53
150
.03
73
.91
-18
200
.63
-63
10.48
129
.04
59
.72
-29
500
.37
-114
5.56
99
.09
61
.48
-38
1000
.27
-158
3.02
76
.15
60
.40
-41
1500
.27
172
2.16
63
.21
63
.34
-49
2000
.29
151
1.74
49
.27
58
.31
-62
VCE = 10 V, IC = 10 mA
100
.66
-48
19.53
139
.02
79
.81
-27
200
.46
-78
13.52
118
.03
58
.58
-35
500
.27
-129
6.29
93
.09
67
.38
-36
1000
.21
-169
3.31
74
.16
66
.34
-40
1500
.23
165
2.35
62
.23
64
.29
-47
2000
.26
146
1.87
50
.29
59
.26
-62
VCE = 10 V, IC = 20 mA
100
.51
-61
19.37
129
.02
79
.70
-32
200
.33
-91
15.04
109
.03
64
.48
-35
500
.21
-143
6.57
89
.08
71
.33
-32
1000
.19
-177
3.41
72
.16
69
.32
-37
1500
.21
160
2.41
61
.24
67
.26
-45
2000
.24
142
1.92
49
.30
59
.23
-59
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0.497
29.861
0.909
27.001
1.010
18.522
1.005
12.847
1.006
9.524
1.013
7.369
0.235
29.897
0.761
26.539
0.900
18.444
0.993
13.157
1.007
9.593
1.011
7.438
0.178
26.542
0.477
24.183
0.795
17.908
0.988
13.039
1.039
8.914
1.031
7.022
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
2 GHz
S11
0.1 GHz
S22
2 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
16
12
8
.12 .18 .24 .30
0.6
S21 20
S12
2 GHz
S21
0.1 GHz
3
S21
2 GHz
S12
0.1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com