Electronic Components Datasheet Search
  English  ▼

X  

NE021 Datasheet(PDF) 12 Page - California Eastern Labs

Part # NE021
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE021 Datasheet(HTML) 12 Page - California Eastern Labs

Back Button NE021 Datasheet HTML 4Page - California Eastern Labs NE021 Datasheet HTML 5Page - California Eastern Labs NE021 Datasheet HTML 6Page - California Eastern Labs NE021 Datasheet HTML 7Page - California Eastern Labs NE021 Datasheet HTML 8Page - California Eastern Labs NE021 Datasheet HTML 9Page - California Eastern Labs NE021 Datasheet HTML 10Page - California Eastern Labs NE021 Datasheet HTML 11Page - California Eastern Labs NE021 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
PACKAGE OUTLINE 39
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 39
(SOT-23)
LEAD
CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
NE021 SERIES
PART NUMBER
QUANTITY
PACKAGING
NE02100
100
Waffle Pack
NE02107/NE02107B
1
Hard Pack
NE02133-T1B
3000
Tape & Reel
NE02135
1
ESD Bag
NE02139-T1
3000
Tape & Reel
ORDERING INFORMATION
PACKAGE OUTLINE 35
(MICRO-X)
3.8 MIN
0.5
±0.06
45˚
2.55
±0.2
φ2.1
0.55
1.8 MAX
+0.06
-0.04
0.1
ALL LEADS
E
C
B
E
2.8
+0.2
-0.3
+0.10
-0.05
(LEADS 2, 3, 4)
0.6
+0.10
-0.05
0.16
+0.10
-0.06
5˚
5˚
0.8
1.1
+0.2
-0.1
1
2
3
0 to 0.1
4
0.4
2.9 ± 0.2 0.95
0.85
1.9
1.5
+0.2
-0.1
4
1.0
3
2.4
2
1.9
1.0
1
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
01/31/2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com