Electronic Components Datasheet Search
  English  ▼

X  

CAT515 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT515
Description  8-Bit Quad Digital POT with Independent Reference Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT515 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT515 Datasheet HTML 4Page - Catalyst Semiconductor CAT515 Datasheet HTML 5Page - Catalyst Semiconductor CAT515 Datasheet HTML 6Page - Catalyst Semiconductor CAT515 Datasheet HTML 7Page - Catalyst Semiconductor CAT515 Datasheet HTML 8Page - Catalyst Semiconductor CAT515 Datasheet HTML 9Page - Catalyst Semiconductor CAT515 Datasheet HTML 10Page - Catalyst Semiconductor CAT515 Datasheet HTML 11Page - Catalyst Semiconductor CAT515 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT515
8
Doc. No. 25077-00 2/98 M-1
APPLICATION CIRCUITS (Cont.)
Coarse-Fine Offset Control by Averaging DAC Outputs
for Single Power Supply Systems
Coarse-Fine Offset Control by Averaging DAC Outputs
for Dual Power Supply Systems
+
–
FINE ADJUST
DAC
COARSE ADJUST
DAC
GND
V
L
REF
V
H
REF
VDD
RC
127RC
+V
+5V
+VREF
-V
-VREF
Ro
R = ———————————
C
1 µA
OFFSET
VOFFSET
REF
(+V
) - (V
)
R = ———————————
o
1 µA
OFFSET
REF
(-V
) + (V
)
+
+
+
–
FINE ADJUST
DAC
COARSE ADJUST
DAC
GND
V
L
REF
V
H
REF
VDD
RC
127RC
+V
+5V
VREF
R = —————
C
256 1 µA
VREF
*
Fine adjust gives ± 1 LSB change in V
when V
= ———
OFFSET
VREF
2
OFFSET
V OFFSET
OPT 505
LT 1029
I > 2 mA
V+
GND
VDD
V
= 5.000V
REF
V
H
REF
V
L
REF
CONTROL
& DATA
OPT 505
GND
VDD
V
H
REF
V
L
REF
CONTROL
& DATA
+
–
15K
10 µF
5.1V
10K
4.02 K
1.00K
10 µF
35V
LM 324
1N5231B
MPT3055EL
28 - 32V
OUTPUT
0 - 25V
@ 1A
Digitally Trimmed Voltage Reference
Digitally Controlled Voltage Reference
CAT515
CAT515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com