Electronic Components Datasheet Search
  English  ▼

X  

CAT515 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT515
Description  8-Bit Quad Digital POT with Independent Reference Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT515 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT515 Datasheet HTML 1Page - Catalyst Semiconductor CAT515 Datasheet HTML 2Page - Catalyst Semiconductor CAT515 Datasheet HTML 3Page - Catalyst Semiconductor CAT515 Datasheet HTML 4Page - Catalyst Semiconductor CAT515 Datasheet HTML 5Page - Catalyst Semiconductor CAT515 Datasheet HTML 6Page - Catalyst Semiconductor CAT515 Datasheet HTML 7Page - Catalyst Semiconductor CAT515 Datasheet HTML 8Page - Catalyst Semiconductor CAT515 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
GND
CLK
CS
DI
DO
DVD
PROG
RDY/BSY
VREF H1
1
2
3
4
5
6
7
10
9
8
20
19
18
17
14
13
12
11
16
15
VREF H4
VREF H4
VREF H3
VREF L1
V
REF
L2
VREF L4
V
REF
L3
VOUT1
V
OUT
2
V
OUT
3
V
OUT
4
GND
CLK
CS
DI
DO
DVD
PROG
RDY/BSY
VREF H1
1
2
3
4
5
6
7
10
9
8
20
19
18
17
14
13
12
11
16
15
VREF H4
VREF H4
VREF H3
VREF L1
V
REF
L2
VREF L4
V
REF
L3
VOUT1
V
OUT
2
V
OUT
3
V
OUT
4
CAT515
8-Bit Quad Digital POT with Independent Reference Inputs
FEATURES
s Output settings retained without power
s Independent Reference Inputs
s Output range includes both supply rails
s Programming voltage generated on-chip
s 4 independently addressable outputs
s Serial
µP interface
s Single supply operation: 2.7V-5.5V
APPLICATIONS
s Automated product calibration.
s Remote control adjustment of equipment
s Offset, gain and zero adjustments in Self-
Calibrating and Adaptive Control systems.
s Tamper-proof calibrations.
DESCRIPTION
The CAT515 is a quad 8-Bit Memory DAC designed as
an electronic replacement for mechanical potentiom-
eters and trim pots. Intended for final calibration of
products such as camcorders, fax machines and cellular
telephones on automated high volume production lines
and systems capable of self calibration, it is also well
suited for applications were equipment requiring peri-
odic adjustment is either difficult to access or located in
a hazardous environment.
The CAT515 offers 4 independently programmable DACs
each having its own reference inputs and each capable
of rail to rail output swing. Output settings, stored non-
volatile EEPROM memory, are not lost when the device
is powered down and are automatically reinstated when
power is returned. Each output can be dithered to test
new output values without effecting the stored settings
and stored settings can be read back without disturbing
the DAC’s output.
GND
DAC 3
DAC 2
16
EEPROM
LATCH
EEPROM
LATCH
EEPROM
LATCH
EEPROM
LATCH
17
DAC 1
18
15
13
14
12
DAC 4
V
4
OUT
PROG
RDY/BSY
PROGRAM
CONTROL
H.V.
CHARGE
PUMP
SERIAL DATA OUTPUT
V
L4
REF
V
H4
REF
V
3
OUT
V
L3
REF
V
H3
REF
V
2
OUT
V
L2
REF
V
H2
REF
V
1
OUT
V
L1
REF
V
H1
REF
DO
V
DD
DATA
CONTROLLER
1
2
5
CLK
CS
DI
4
6
7
9
20
19
11
10
3
8
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
Control of the CAT515 is accomplished with a simple 3
wire serial interface. A Chip Select pin allows several
CAT515's to share a common serial interface and com-
munications back to the host controller is via a single
serial data line thanks to the CAT515’s Tri-Stated Data
Output pin. A RDY/
BSYoutput working in concert with
an internal low voltage detector signals proper operation
of EEPROM Erase/Write cycle.
The CAT515 operates from a single 3–5 volt power
supply. The high voltage required for EEPROM Erase/
Write operations is generated on-chip.
The CAT515 is available in the 0
°C to 70°C Commercial
and –40
°C to +85°C Industrial operating temperature
ranges and offered in 20-pin plastic DIP and Surface
mount packages.
DIP Package (P)
SOIC Package (J)
CAT515
CAT515
CAT515
© 2000 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 25077-00 2/98 M-1


Similar Part No. - CAT515

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT511 CATALYST-CAT511 Datasheet
56Kb / 9P
8-Bit Digital POT with Independent Reference Inputs
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
708Kb / 16P
32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
711Kb / 16P
32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV.B
logo
Catalyst Semiconductor
CAT511 CATALYST-CAT511 Datasheet
56Kb / 9P
8-Bit Digital POT with Independent Reference Inputs
CAT512 CATALYST-CAT512 Datasheet
71Kb / 10P
8-Bit Dual Digital POT with Independent Reference Inputs
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
8-Bit Quad Digital POT
CAT521 CATALYST-CAT521 Datasheet
56Kb / 9P
8-Bit Digital POT With Independent Reference Inputs
CAT522 CATALYST-CAT522 Datasheet
70Kb / 10P
8-Bit Dual Digital POT With Independent Reference Inputs
logo
Microchip Technology
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP4461-103E MICROCHIP-MCP4461-103E Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
logo
Analog Devices
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
logo
Microchip Technology
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com