Electronic Components Datasheet Search
  English  ▼

X  

NE02135 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NE02135
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE02135 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button NE02135 Datasheet HTML 2Page - California Eastern Labs NE02135 Datasheet HTML 3Page - California Eastern Labs NE02135 Datasheet HTML 4Page - California Eastern Labs NE02135 Datasheet HTML 5Page - California Eastern Labs NE02135 Datasheet HTML 6Page - California Eastern Labs NE02135 Datasheet HTML 7Page - California Eastern Labs NE02135 Datasheet HTML 8Page - California Eastern Labs NE02135 Datasheet HTML 9Page - California Eastern Labs NE02135 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NE021 SERIES
TYPICAL COMMON BASE SCATTERING PARAMETERS (TA = 25°C)
NE02107B
VCB = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.79
175
1.77
-10
.01
106
1.01
-9
500
.79
170
1.78
-24
.01
111
1.02
-22
1000
.79
163
1.72
-44
.01
117
1.05
-40
1500
.83
157
1.71
-64
.03
109
1.09
-58
2000
.83
149
1.57
-87
.06
106
1.09
-75
2500
.87
145
1.53
-99
.08
103
1.08
-81
3000
.87
136
1.40
-122
.11
95
1.11
-96
3500
.87
126
1.21
-140
.13
86
1.10
-111
4000
.86
117
1.12
-164
.17
76
1.08
-125
VCB = 10 V, IC = 10 mA
100
.88
177
1.84
-6
.01
-31
1.01
-6
500
.88
171
1.84
-19
.01
112
1.00
-18
1000
.87
164
1.83
-38
.01
132
1.05
-36
1500
.90
159
1.82
-57
.03
118
1.08
-53
2000
.92
152
1.72
-76
.06
117
1.10
-69
2500
.95
144
1.68
-92
.08
108
1.09
-81
3000
.96
135
1.57
-113
.12
98
1.13
-96
3500
.96
125
1.45
-135
.15
88
1.12
-111
4000
.95
116
1.33
-156
.18
77
1.10
-126
VCB = 10 V, IC = 20 mA
100
.92
176
1.90
-6
.01
56
1.02
-6
500
.93
171
1.89
-19
.01
139
1.01
-18
1000
.92
164
1.89
-37
.01
129
1.05
-36
1500
.96
159
1.88
-55
.03
126
1.09
-53
2000
.97
152
1.81
-75
.06
119
1.10
-69
2500
1.01
142
1.75
-90
.09
110
1.09
-80
3000
1.02
132
1.67
-110
.12
100
1.13
-95
3500
1.03
121
1.55
-132
.15
89
1.13
-110
4000
1.02
112
1.42
-154
.18
79
1.12
-125
VCB = 10 V, IC = 40 mA
100
.95
176
1.93
-7
.01
-74
1.02
-7
600
.94
171
1.91
-20
.01
116
1.01
-19
1000
.94
163
1.91
-38
.01
133
1.05
-36
1500
.98
158
1.90
-57
.03
126
1.09
-53
2000
.99
151
1.83
-77
.06
119
1.10
-69
2500
1.04
141
1.81
-92
.09
111
1.09
-81
3000
1.05
132
1.72
-115
.12
100
1.13
-97
3500
1.05
120
1.58
-136
.15
88
1.13
-113
4000
1.03
111
1.46
-157
.18
77
1.10
-127
Note:
1. Gain Calculations:
0.671
22.648
-0.431
22.648
-1.429
22.625
-0.950
17.830
-0.857
14.574
-0.707
13.222
-0.601
11.167
-0.458
9.853
-0.317
8.686
-0.477
22.480
-0.808
22.504
-1.645
22.355
-1.076
17.559
-0.782
14.177
-0.574
12.816
-0.484
11.047
-0.427
9.688
-0.180
8.188
0.315
22.788
-0.850
22.765
-1.189
22.765
-0.960
17.970
-0.832
14.795
-0.727
12.888
-0.658
11.435
-0.532
10.142
-0.388
8.970
0.239
22.856
-0.583
22.810
-1.140
22.810
-0.901
18.016
-0.798
14.843
-0.727
13.034
-0.591
11.563
-0.502
10.226
-0.341
9.091
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Coordinates in Ohms
Frequency in GHz
(VCB = 10 V, IC = 20 mA)
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
4 GHz
S11
0.1 GHz
S22
4 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
1.6
1.2
0.8
0.4
.10 .15 .20 .25
0.5
S212.0
S12
4 GHz
S21
0.1 GHz
S21
4 GHz
S12
0.1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com