Electronic Components Datasheet Search
  English  ▼

X  

NE02135 Datasheet(PDF) 11 Page - California Eastern Labs

Part # NE02135
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE02135 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NE02135 Datasheet HTML 4Page - California Eastern Labs NE02135 Datasheet HTML 5Page - California Eastern Labs NE02135 Datasheet HTML 6Page - California Eastern Labs NE02135 Datasheet HTML 7Page - California Eastern Labs NE02135 Datasheet HTML 8Page - California Eastern Labs NE02135 Datasheet HTML 9Page - California Eastern Labs NE02135 Datasheet HTML 10Page - California Eastern Labs NE02135 Datasheet HTML 11Page - California Eastern Labs NE02135 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE OUTLINE 07
OUTLINE DIMENSIONS (Units in mm)
NE02100 (CHIP)
*07B has emitter and base reversed..
NE021 SERIES
0.07
φ
BASE
0.094
0.106
0.35±0.01
0.052
0.23
0.29
0.30
0.35±0.01
EMITTER
5.0 MIN (ALL LEADS)
45˚
0.5±0.07
1.0±0.1
+0.4
-0.2
2.5
+0.4
-0.2
1.3
+0.06
-0.03
0.1
E
B
E
C
MARKING
INTERNAL
CODE
YEAR INDICATOR
MONTH INDICATOR
PACKAGE OUTLINE 33
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 33
LEAD
CONNECTIONS
1. Emitter
2. Base
3. Collector
0.16
+0.10
-0.06
0.65
+0.10
-0.15
0.4
+0.10
-0.05
1
2
3
0 to 0.1
2.8
1.9
1.5
(ALL LEADS)
0.8
1.1 to 1.4
2.9 ± 0.2 0.95
+0.2
-0.3
+0.2
-0.1
2.4
3
2
1.9
0.95
1.0
1
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com