Electronic Components Datasheet Search
  English  ▼

X  

91.202 Datasheet(PDF) 1 Page - Altech corporation

Part # 91.202
Description  KU4000 Enclosure Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

91.202 Datasheet(HTML) 1 Page - Altech corporation

  91.202 Datasheet HTML 1Page - Altech corporation 91.202 Datasheet HTML 2Page - Altech corporation 91.202 Datasheet HTML 3Page - Altech corporation 91.202 Datasheet HTML 4Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 thick
1)
49.5
21.7
4
2.1
2.1
6.7
R1
2.54
2.54
unusable space
1
13.1
13.5
1.5
8.5
2
6
M4
17.5
DIN Rail
1
1
12
2
61
43
53
58
Part Number
Type
Description
PCB Connection
91.201
KU4001B
Right Angle Pins
Machine Solder/
Wire Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Screw-hole and
91.201.1
SHPC
Wire-Entry Cover Plug Set
*Panel Mount Tab
93.001.5
PMA/KU
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Screw / Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(1) Vertical
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Vertical PCB
Screw Clamp
KU4000 Enclosure Series
PCB DRAWING (To convert to inches divide by 25.4.)
46
3
16
M4
17.5
DIN Rail
53
58
61
6
Part Number
Type
Description
PCB Connection
91.202
KU4001C
Straight Pins
Machine Solder
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
Screw-hole and
91.201.1
SHPC
Wire-Entry Cover Plug Set
*Panel Mount Tab
93.001.5
PMA/KU
Electrical:
16A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Screw / Pressure Plate
Terminal Screw Size:
M3.5
Recommended Torque:
0.8Nm
Max. PCB’s:
(1) Horizontal
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Horizontal PCB
Screw Clamp
PCB DRAWING (To convert to inches divide by 25.4.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
20


Similar Part No. - 91.202

ManufacturerPart #DatasheetDescription
logo
AU Optronics Corp.,
91.32T24.GXX AUO-91.32T24.GXX Datasheet
11Mb / 27P
This specification applies to the 32 inch Color TFT-LCD SKD model T320XVN02.G.
Rev 0.2 2016/6/27
logo
Altech corporation
91.330 ALTECH-91.330 Datasheet
221Kb / 4P
KU4000 Enclosure Series
logo
Molex Electronics Ltd.
91.PP.2A2.00100 MOLEX11-91.PP.2A2.00100 Datasheet
195Kb / 2P
Robust duplex housings protect fibers
91.PP.2A2.00200 MOLEX11-91.PP.2A2.00200 Datasheet
195Kb / 2P
Robust duplex housings protect fibers
91.PP.2A2.00300 MOLEX11-91.PP.2A2.00300 Datasheet
195Kb / 2P
Robust duplex housings protect fibers
More results

Similar Description - 91.202

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX80 ASTEC-LPX80 Datasheet
742Kb / 1P
ENCLOSURE
logo
Altech corporation
K70 ALTECH-K70 Datasheet
4Mb / 68P
Enclosure
logo
Emerson Network Power
LPX120 EMERSON-NETWORKPOWER-LPX120 Datasheet
944Kb / 2P
Enclosure
logo
Altech corporation
91.330 ALTECH-91.330 Datasheet
221Kb / 4P
KU4000 Enclosure Series
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
logo
Murata Power Solutions ...
MVAC-COVER MURATA-PS-MVAC-COVER Datasheet
173Kb / 2P
Enclosure Assembly for MVACxxx Series
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
CamdenBoss Ltd.
CHD7310 CAMDENBOSS-CHD7310 Datasheet
465Kb / 2P
73 Series - IP68 Waterproof Enclosure
CUE82 CAMDENBOSS-CUE82 Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
CUE84 CAMDENBOSS-CUE84 Datasheet
168Kb / 1P
84 Series Network ABS Enclosure
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com