Electronic Components Datasheet Search
  English  ▼

X  

91.202 Datasheet(PDF) 2 Page - Altech corporation

Part # 91.202
Description  KU4000 Enclosure Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

91.202 Datasheet(HTML) 2 Page - Altech corporation

  91.202 Datasheet HTML 1Page - Altech corporation 91.202 Datasheet HTML 2Page - Altech corporation 91.202 Datasheet HTML 3Page - Altech corporation 91.202 Datasheet HTML 4Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1 thick
49.5
21.7
4
2.1
6.7
R1
2.54
unused space
2.1
2.54
1
13.1
13.5
1.5
8.5
2
6
M4
12
2
17.5
DIN Rail
43
53
61
58
1
Part Number
Type
Description
PCB Connection
91.501
KU4037B
Right Angle Pins
Machine Solder/
Wire Jumper
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
*Panel Mount Tab
93.001.5
PMA/KU
Electrical:
10A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Spring Cage Clamp
Terminal Screw Size:
–
Recommended Torque:
–
Max. PCB’s:
(1) Vertical
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Vertical PCB
Spring Clamp
PCB DRAWING (To convert to inches divide by 25.4.)
18
M4
17.5
46
DIN Rail
3
6
53
61
58
Part Number
Type
Description
PCB Connection
91.502
KU4037C
Straight Pins
Machine Solder
Accessories
Part Number
Type
1 Meter DIN Rail
2511120/1M
TS35x7.5/1M
*Panel Mount Tab
93.001.5
PMA/KU
Electrical:
10A, 300V, 22-12 AWG
Housing Material:
Glass-filled Polycarbonate
Temperature Range:
Up to 125°C (257°F)
Flammability Rating:
UL94 V-O
Color:
Light Gray
Terminal Type:
Spring Cage Clamp
Terminal Screw Size:
–
Recommended Torque:
–
Max. PCB’s:
(1) Horizontal
Mounting:
35mm DIN Rail or
optional panel mounting*
TECHNICAL INFORMATION
ORDERING INFORMATION
ACCESSORIES
ENCLOSURE DRAWING (To convert to inches divide by 25.4.)
8 Terminal
Horizontal PCB
Spring Clamp
PCB DRAWING (To convert to inches divide by 25.4.)
KU4000 Enclosure Series
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com