Electronic Components Datasheet Search
  English  ▼

X  

84873220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 84873220
Description  3-phase voltage control relay - 17.5 mm / 35 mm H3US Part number 84873220
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84873220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  84873220 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84873220 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84873220 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84873220 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-phase voltage control relay - 17.5 mm / 35 mm H3US Part number 84873220
H3US and M3US relays control, on 3-phase networks :
- overvoltage between phases,
- undervoltage between phases
The H3USN relay controls, on 3-phase networks :
- overvoltage between phases and neutral,
- undervoltage between phases and neutral,
- loss of neutral
Multi-voltage Products
Controls its own supply voltage
True RMS measurement
LED status indication
Part numbers
Specifications
Type
Function
Nominal voltage (V)
Output
84873220
H3US
Under/overvoltage between phases
3 x 220 →3 x 480 V AC
2 single changeover relays / one per threshold
Supply
AC supply voltage frequency
50 / 60 Hz ±10 %
Galvanic isolation of power supply/measurement
No
Inputs and measuring circuit
Frequency of measured signal
50 →60 Hz ± 10 %
Max. measuring cycle time
150 ms/True RMS measurement
Voltage threshold adjustment
Undervoltage -2 to -20 % of selected Un
for M3US :
(-2 to -12 % across the 3 x 208 V range)
(-2 to -17 % across the 3 x 220 V range)
for H3US :
(-2 to -12 % across the 3 x 220 V range)
Overvoltage 2→20 % of selected Un 
For M3US and H3US :
(+2 →+10 % across the 3 x 480 V AC range)
Fixed hysteresis
2 % of Un (M3US, H3US)
Display precision
± 3 % of the displayed value
Repetition accuracy with constant parameters
± 0,5 %
Measuring error with voltage drift
< 1 % across the whole range
Measuring error with temperature drift
0,05 % / °C
Timing
Delay on thresold crossing Tt
0,3 →30 s (0, +10 %)
Repetition accuracy with constant parameters
± 3 %
Reset time
1500 ms
Alarm on delay time max.
200 ms
Output
Type of contacts
No cadmium
Maximum breaking voltage
250 V AC/DC
Max. breaking current
5 A AC/DC
Min. breaking current
10 mA / 5 V DC
Breaking capacity (resistive)
1250 VA AC
Maximum rate
360 operations/hour at full load
Operating categories acc. to IEC/EN 60947-5-1
AC 12, AC 13, AC 14, AC 15, DC 12, DC 13, DC 14
Mechanical life (operations)
30 x 10
6
Insulation
Nominal insulation voltage IEC/EN 60664-1
400 V
Insulation coordination (IEC/EN 60664-1)
Overvoltage category III : degree of pollution 3
Rated impulse withstand voltage (IEC/EN 60664-1)
4 KV (1,2 / 50
μs)
Dielectric strength (IEC/EN 60664-1)
2 kV AC 50 Hz 1 min
Insulation resistance (IEC/EN 60664-1)
> 500 M
Ω / 500 VDC
General characteristics
Display power supply
Green LED
Display relay
Yellow LED (1 for M3US, 2 for H3US and H3USN)
Mounting
On 35 mm symmetrical DIN rail, IEC/EN 60715
Mounting position
All positions
Material : enclosure plastic type VO to UL94 standard
Incandescent wire test according to IEC/EN 60695-2-11
Protection (IEC/EN 60529)
Terminal block : IP 20
Casing : IP30
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
26/02/2014
www.crouzet.com


Similar Part No. - 84873220

ManufacturerPart #DatasheetDescription
logo
FCI connector
84873-001 FCI-CONNECTOR-84873-001 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
84873-002 FCI-CONNECTOR-84873-002 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
More results

Similar Description - 84873220

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
430 MACOM-430_09 Datasheet
210Kb / 3P
Power Relay 430 3 mm
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
PART NUMBER GUIDE
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
Part Number Nomenclature
logo
PANDUIT CORP.
SE12PFR-MR10 PANDUIT-SE12PFR-MR10 Datasheet
93Kb / 1P
SEE PART NUMBER DESCRIPTION
logo
List of Unclassifed Man...
V0DDTD ETC2-V0DDTD Datasheet
109Kb / 2P
Compact 17.5 mm
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
Part Number 854927
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
Part Number Explanation
logo
AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 AVAGO-IEC60747-5-2 Datasheet
54Kb / 3P
Specify Part Number followed by Option Number
logo
PHOENIX CONTACT
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
logo
Schneider Electric
RM35UB330 SCHNEIDER-RM35UB330 Datasheet
121Kb / 6P
Modular 3-phase voltage control relay
Aug 11, 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com