Electronic Components Datasheet Search
  English  ▼

X  

A97F8621 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # A97F8621
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A97F8621 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button A97F8621 Datasheet HTML 9Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 10Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 11Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 12Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 13Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 14Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 15Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 16Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
©
2000 GE Company
SINEWAVE CONDITIONS
SQUAREWAVE CONDITIONS
I = Current (Amperes)
V = Voltage (Volts)
C = Capacitance (Farads)
f = Frequency (Hertz)
t = Current
Pulsewidth (Seconds)
T = Period (Seconds)
Irms = 2p
p
p
p
p
fC Vrms =
v rms
p
p
p
p
p
c
t
Vpeak =
Ö2 V rms
Ipeak =
D
V =
CDV
0.64t
p
p
p
p
p
c
2t
Irms =
Ö
2
[Ipeak
]2 =
Öft
2
Öft Ipeak
CORRECTION FACTOR FOR
CURRENT PULSEWIDTH
CORRECTION FACTOR FOR
AMBIENT TEMPERATURE
RMS CURRENT
CORRECTION
FACTOR
AMBIENT TEMPERATURE- DEGREES C
12
RMS CURRENT
CORRECTION
FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com