Electronic Components Datasheet Search
  English  ▼

X  

A97F8621 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A97F8621
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A97F8621 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A97F8621 Datasheet HTML 1Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 2Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 3Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 4Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 5Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 6Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 7Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 8Page - List of Unclassifed Manufacturers A97F8621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
©
2000 GE Company
GE Capacitors for High-Current, Power
Semiconductor, and DC Applications
Capacitors for Power Electronics require special high-performance designs for the
varied applications. This catalog describes capacitors for a number of demanding
applications where high currents and/or high voltages are common. Given the special
nature of these applications, care must be taken to ensure that the capacitors are
correctly applied. Information is included to help with the more common application
conditions. An Application Data Sheet is also provided to enlist the help of GE’s
Application Engineers. Please use this sheet if you need assistance or want to verify
your own calculations.
Table of Contents
Page
Description
Application Data Sheet
2
Sheet for submitting data to GE for review
Descriptive Information
3
General Information on capacitor construc-
tion
SCR Commutation
4
High and very high-current applications,
Capacitors
such as SCR commutation, SCR and GTO
snubbers, and high-frequency AC circuits
Metallized Polyester
7
High microfarad per unit volume designs for
SCR Capacitors
up to 250 V peak. Used in high-frequency
chopper circuits
Snubber Capacitors
9
Medium current snubber capacitors for
Power
Semiconductor circuits
Application Data for SCR
11
Derating information for Current Pulsewidth
and Snubber Capacitors
and Temperature. Worked examples for
common conditions
General Purpose DC
13
DC Capacitors for voltages up to 2500 V
Capacitors
Mounting Hardware
15
Brackets for mounting capacitors
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com