Electronic Components Datasheet Search
  English  ▼

X  

SR782002W Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # SR782002W
Description  SR7820 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SR782002W Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  SR782002W Datasheet HTML 1Page - MicroPower Direct, LLC SR782002W Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Load regulation is specified for an output load change of 10% to 100%.
2. Measured at an internal IC junction.
3. Quiescent current is specified at 0% load for Vin = min to max.
4. This regulator is not designed to be used in parallel with another unit to increase output power.
5. The input should not exceed the range given in the model selection chart. Exceeding this limit could
damage the unit.
For right-angle pin option, add suffix “L” to model number (i.e. SR7820-05WL)
Model Selection Guide
Mechanical Dimensions
Pin
1
2
3
Function
+Vin
Gnd
+Vout
Pin Connection
Model
Number
Input
Voltage Range
(VDC)
Output
Efficiency (%, Typ)
Voltage
(VDC)
Current
(mA, Max)
Min Vin
Max Vin
SR7820-015W(L)
4.75 - 18.0
1.5
2,000.0
79
76
SR7820-018W(L)
4.75 - 18.0
1.8
2,000.0
81
79
SR7820-02W(L)
4.75 - 18.0
2.5
2,000.0
85
83
SR7820-03W(L)
4.75 - 18.0
3.3
2,000.0
87
86
SR7820-05W(L)
7.00 - 18.0
5.0
2,000.0
91
88
SR7820-06W(L)
8.50 - 18.0
6.5
2,000.0
92
91
Derating Curve
Characteristic Curves
(Efficiency & Ripple)
Efficiency vs Input Voltage (Full Load)
Ripple vs Input Voltage (Full Load)
Ripple vs Load (Vin = Nom)
Efficiency vs Load (Vin = Nom)
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the unit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com