Electronic Components Datasheet Search
  English  ▼

X  

SR782002W Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # SR782002W
Description  SR7820 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SR782002W Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  SR782002W Datasheet HTML 1Page - MicroPower Direct, LLC SR782002W Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• Efficiency to 92%
• 2A Output Current
• Compact SIP Case
• LM78xx Replacement
• Wide Input Range
• Short Circuit Protected
• Thermal Shutdown
• Low Noise
• Low Low Cost
SR7820
Low Cost, 2A Output
Non-isolated POL
Switching Regulators
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±3.0
%
Line Regulation
Vin = Min to Max
±0.5
±0.75
%
Load Regulation
Iout = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
25
45
mV P - P
Thermal Shutdown
See Note 2
150
°C
Quiescent Current
See Note 3
5
10
mA
Temperature Coefficient
0.03
%/°C
Maximum Capacitive Load
1,000
µF
Output Current Limit
5,000
mA
Short Circuit Input Power
0.5
1.8
W
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Not Isolated
Switching Frequency
280
330
450
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-55
+125
°C
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.45 x 0.35 x 0.69 Inches (11.5 x 9.0 x 17.50 mm)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.13 Oz (3.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Series
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Typical Application Circuit
Notes:
1. C1 is a low ESR ceramic capacitor used to minimize noise at the regulator.
A tantalum or low ESR electrolytic capacitor may also be used.
2. C1 & C2 are required and should be mounted as close to the regulator pins as possible.
Component Values
Model
Number
Capacitors
C1, C3
(µF/V)
C2, C4
(µF/V)
SR7820-015W
10 /25
22 / 6.3
SR7820-018W
10 /25
22 / 6.3
SR7820-02W
10 /25
22 / 6.3
SR7820-03W
10 /25
22 / 6.3
SR7820-05W
10 /25
22 / 16
SR7820-06W
10 /25
22 / 16
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com


Similar Part No. - SR782002W

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SR78-1.5S-1000 ARCH-SR78-1.5S-1000 Datasheet
158Kb / 2P
Encapsulated DC-DCConverter
SR78-1.8S-1000 ARCH-SR78-1.8S-1000 Datasheet
158Kb / 2P
Encapsulated DC-DCConverter
SR78-1000 ARCH-SR78-1000 Datasheet
158Kb / 2P
Encapsulated DC-DCConverter
SR78-12S-1000 ARCH-SR78-12S-1000 Datasheet
158Kb / 2P
Encapsulated DC-DCConverter
SR78-15S-1000 ARCH-SR78-15S-1000 Datasheet
158Kb / 2P
Encapsulated DC-DCConverter
More results

Similar Description - SR782002W

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com