Electronic Components Datasheet Search
  English  ▼

X  

SI-8105QL Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8105QL
Description  Current Mode Control Step-down Switching Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8105QL Datasheet(HTML) 1 Page - Sanken electric

  SI-8105QL Datasheet HTML 1Page - Sanken electric SI-8105QL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48
ICs
1-1-3 DC/DC Converter ICs
Unit
V
mV/ °C
%
kHz
mV
mV
A
mA
µA
µA
V
V
µA
V/V
µA/V
V/A
%
nsec.
■Features
• DIP8 package
• Introduction of current mode control method
• Output current: 3.5A
• High efficiency: 90% (Vo=5V)
• Built-in reference oscillator (350kHz)
• Built-in drooping-type overcurrent and thermal
protection circuits
• Built-in soft start circuit
• Built-in on/off function (Active Hi)
• Low current consumption during off
■Applications
• DVD recorder, FPD-TV
• Onboard local power supplies
• OA equipment
■Absolute Maximum Ratings
Unit
V
W
°C
°C
°C/W
°C/W
Ratings
30
1.56
–30 to +150
–40 to +150
25
64
Symbol
VIN
PD
Tj
Tstg
θj-c
θj-a
Parameter
Input Voltage
Power Dissipation*1
Junction Temperature*2
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
Conditions
When mounted on glass-epoxy board measuring 70×60 mm (copper laminate area: 1310 mm2)
When mounted on glass-epoxy board measuring 70×60 mm (copper laminate area: 1310 mm2)
Unit
V
V
A
°C
°C
Ratings
SI-8105QL
Vo+3*1 to 28
0.5 to 24
0 to 3.5
–30 to +125
–30 to +85
Symbol
VIN
Vo
Io
Tjop
Top
Parameter
Input Voltage Range
Output Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
■Recommended Operating Conditions
■Electrical Characteristics
Parameter
Reference Voltage
Temperature Coefficient of Reference Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection Starting Current
Quiescent Circuit Current
SS Pin
Outflow Current at Low Voltage
High Level Voltage
EN Pin
Low Level Voltage
Inflow Current at Low Voltage
Error Amplifier Voltage Gain
Error Amplifier Transformer Conductance
Current Sense Amplifier Impedance
Maximum ON Duty
Minimum ON Time
Symbol
VADJ
Conditions
(∆VADJ/∆T)
Conditions
η
Conditions
fo
Conditions
∆VoLINE
Conditions
∆VoLOAD
Conditions
Is
Conditions
Iq
Conditions
Iq(OFF)
Conditions
ISSL
Conditions
VC/EH
Conditions
VC/EL
Conditions
IC/EH
Conditions
AEA
GEA
1/GCS
DMAX
DMIN
*1: Limited by thermal protection circuit
*2: Note that the detect temperature for thermal protection is about 140°C.
Conditions
Ratings
SI-8105QL
min.
typ.
max.
0.485
0.500
0.515
VIN=12V, Io=1A
0.05
VIN=12V, Io=1A, Ta=–40 to +85°C
90
VIN=12V, Io=1A
315
350
385
VIN=16V, Io=1A
30
60
VIN=8 to 28V, Io=1A
30
60
VIN=12V, Io=0.1 to 3.5A
3.6
6.0
VIN=12V
18
VIN=12V, Io=0A, VEN=open
20
VIN=12V, Io=0A, VEN=0V
5
VIN=12V, VSSL=0V
2.8
VIN=12V
2.2
VIN=12V
5
VEN=0V
1000
800
0.35
92
100
*: Pin 8 is the SS pin. Soft start at power on can be performed with a capacitor connected to this pin.
The SS pin is pulled up to the power supply in the IC, so applying the external voltage is prohibited.
SI-8100QL
SS
8
C5
Soft start
(When Ta=25°C and Vo=5V)
*1: The minimum value of the input voltage range is 4.75 V or Vo +3 V, whichever is higher.
Current Mode Control Step-down Switching Mode
SI-8100QL Series


Similar Part No. - SI-8105QL

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8105QL SANKEN-SI-8105QL Datasheet
436Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
More results

Similar Description - SI-8105QL

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
Step-Down Switching Regulator with Current-Mode Control
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
Current Mode Control Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
Current Mode Control Step-Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8005Q SANKEN-SI-8005Q Datasheet
526Kb / 2P
Surface Mount, Current Mode Control Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com