Electronic Components Datasheet Search
  English  ▼

X  

SI-8105QL Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8105QL
Description  Current Mode Control Step-down Switching Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8105QL Datasheet(HTML) 2 Page - Sanken electric

  SI-8105QL Datasheet HTML 1Page - Sanken electric SI-8105QL Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
49
ICs
SI-8100QL Series
■External Dimensions (DIP8)
(Unit : mm)
7
8
2
1
5
4
6
3
9.4±0.3
0.5±0.1
0° to 15°
1.0
+0.3
-0.05
1.5
+0.3
-0.05
0.25+0.1
-0.05
2.54
7.6
0.25 M
0.89 TYP
■Block Diagram
■Typical Connection Diagram
OSC
P.REG
VREF
0.5V
5v_ldo
ON
OFF
7
EN
6
COMP
4
GND
8
SS
1
BS
3
SW
5
FB
2
IN
UVLO
OVP
TSD
Amp
0.5V
5v_ldo
Drive
PWM
LOGIC
Boot
REG
Current
Sense
OCP
Amp
GND
C1
C5
8
7
6
C3
D1
R2
GND
C2
IADJ
R1
L1
VO
C4
R3
C6
OPEN
2
IN
EN
SS
COMP
SI-8105QL
GND
FB
SW
BS
1
3
5
VIN
VFB
C1:10µ F/50V
(Murata: GRM55DB31H106KA87)
C2:22µ F/16V
(Murata: GRM32ER71A226KE20)
C3:560pF*1
(Murata: GRM18 Type)
C4:10nF
(Murata: GRM18 Type)
C5:10nF
(Murata: GRM18 Type)
L1:10µ H
D1:SPB-G56S (Sanken)
SJPB-L4 (Sanken)
R1:46kΩ (When Vo = 5 V)
R2:5.1kΩ
R3:24kΩ
*1
Pin Assignment
1 BS
2 IN
3 SW
4 GND
5 FB
6 COMP
7 EN
8 SS
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 0.49 g
*1: When Vo=5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com