Electronic Components Datasheet Search
  English  ▼

X  

DS75LX Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS75LX
Description  Digital Thermometer and Thermostat with Extended Addressing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75LX Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS75LX Datasheet HTML 1Page - Dallas Semiconductor DS75LX Datasheet HTML 2Page - Dallas Semiconductor DS75LX Datasheet HTML 3Page - Dallas Semiconductor DS75LX Datasheet HTML 4Page - Dallas Semiconductor DS75LX Datasheet HTML 5Page - Dallas Semiconductor DS75LX Datasheet HTML 6Page - Dallas Semiconductor DS75LX Datasheet HTML 7Page - Dallas Semiconductor DS75LX Datasheet HTML 8Page - Dallas Semiconductor DS75LX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
050307
DS75LX
Digital Thermometer and Thermostat
with Extended Addressing
www.maxim-ic.com
GENERAL DESCRIPTION
This low-voltage (1.7V to 3.7V) digital thermometer
and thermostat provides 9, 10, 11, or 12-bit digital
temperature readings over a -55°C to +125°C range
with
±2°C accuracy over a -25°C to +100°C range. At
power-up, the DS75LX defaults to 9-bit resolution for
software compatibility with the LM75. Communication
with the DS75LX is achieved through a simple 2-wire
serial interface. Three tri-state address pins allow up
to 27 DS75LX devices to operate on the same 2-wire
bus, which greatly simplifies distributed temperature-
sensing applications.
The DS75LX thermostat has a dedicated open-drain
output (O.S.) and programmable fault tolerance,
which allow the user to define the number of
consecutive error conditions that must occur before
O.S.
is
activated.
There
are
two
thermostatic
operating modes that control thermostat operation
based on user-defined trip-points (TOS and THYST).
APPLICATIONS
Any Thermally Sensitive System
Cellular Base Stations
Telecom Switches and Routers
Servers
PIN CONFIGURATIONS
FEATURES
1.7V to 3.7V Operating Range
Tri-State Address Pins Allow Up to 27 Unique
Bus Addresses
Temperature Measurements Require No
External Components
Measures Temperatures from -55°C to +125°C
(-67°F to +257°F)
±2°C Accuracy from -25°C to +100°C
Thermometer Resolution Is User-
Configurable from 9 (Default) to 12 Bits (0.5°C
to 0.0625°C Resolution)
9-Bit Conversion Time is 25ms (max)
Thermostatic Settings are User-Definable
Data is Read/Written Through 2-Wire Serial
Interface (SDA and SCL Pins)
Data Lines Filtered Internally for Noise
Immunity (50ns Deglitch)
Bus Timeout Feature Prevents Lockup
Problems on 2-Wire Interface
Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
Pin/Software Compatible with the LM75
Available in 8-Pin
μSOP (μMAX®) and SO
Packages
ORDERING INFORMATION
PART
TEMP RANGE
PIN
PACKAGE
DS75LXS+
-55°C to +125°C
8 SO
(150 mils)
DS75LXS+T&R
-55°C to +125°C
8 SO
(150 mils),
2500 Piece
DS75LXU+
-55°C to +125°C
8 µSOP
(µMAX)
DS75LXU+T&R
-55°C to +125°C
8 µSOP
(µMAX),
3000 Piece
+ Denotes lead-free package.
T&R denotes tape-and-reel.
Note: A “+” symbol will also be marked on the package near the
pin 1 indicator.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
SO (150 mils)
SCL
VDD
A0
A1
A2
GND
O.S.
SDA
6
8
7
5
3
1
2
4
μSOP/μMAX
SCL
VDD
A0
A1
A2
GND
O.S.
SDA
6
8
7
5
3
1
2
4


Similar Part No. - DS75LX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LX MAXIM-DS75LX Datasheet
228Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
050307
DS75LXS MAXIM-DS75LXS Datasheet
228Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
050307
DS75LXSR MAXIM-DS75LXSR Datasheet
228Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
050307
DS75LXST MAXIM-DS75LXST Datasheet
228Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
050307
DS75LXU MAXIM-DS75LXU Datasheet
228Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
050307
More results

Similar Description - DS75LX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LX MAXIM-DS75LX Datasheet
228Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
050307
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com