Electronic Components Datasheet Search
  English  ▼

X  

MAX3372EEKAT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3372EEKAT Datasheet HTML 3Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 4Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 5Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 6Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 7Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 8Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 9Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 10Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PROPAGATION DELAY vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
100
200
300
400
500
600
700
0
20
100
DATA RATE = 230kbps
tPHL
tPLH
PROPAGATION DELAY vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
3
6
9
12
15
0
10
50
DATA RATE = 8Mbps
tPLH
tPHL
PROPAGATION DELAY vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
300
0
10
50
DATA RATE = 500kbps,
OPEN-DRAIN
tPHL
tPLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +2.5V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
500
1000
1500
2000
2500
0
20
100
DATA RATE = 230kbps
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VL, VCC = +2.5V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
2
4
6
8
10
12
14
0
10
50
DATA RATE = 8Mbps
tLH
tHL
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +2.5V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
300
0
10
50
DATA RATE = 500kbps,
OPEN-DRAIN
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
90
80
70
60
50
40
30
500
1000
1500
2000
2500
0
20
100
DATA RATE = 230kbps
tLH
tHL
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
2
4
6
8
10
12
0
10
50
DATA RATE = 8Mbps
tHL
tLH
RISE/FALL TIME vs. CAPACITIVE LOAD
(DRIVING I/O VCC, VCC = +3.3V, VL = +1.8V)
CAPACITIVE LOAD (pF)
45
40
35
30
25
20
15
50
100
150
200
250
300
0
10
50
DATA RATE = 500kbps,
OPEN-DRAIN
tHL
tLH
Typical Operating Characteristics (continued)
(RLOAD = 1MΩ, TA = +25°C, unless otherwise noted. All 230kbps TOCs apply to MAX3372E/MAX3377E only. All 8Mbps and
500kbps TOCs apply to MAX3373E–MAX3376E/MAX3378E/MAX3379E and MAX3390E–MAX3393E only.)
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
7
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com