Electronic Components Datasheet Search
  English  ▼

X  

MAX3372EEKAT Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX3372EEKAT Datasheet HTML 15Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 16Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 17Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 18Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 19Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 20Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 21Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 22Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
19
Maxim Integrated
Applications Circuits (continued)
MAX3392E
THREE-STATE
DATA
DATA
0.1
µF
0.1
µF
1
µF
+3.3V
+1.8V
VCC
+3.3V
SYSTEM
+1.8V
SYSTEM
CONTROLLER
VL
I VL4
O VL1
O VL2
O VL3
I VCC1
I VCC2
I VCC3
O VCC4
MAX3393E
THREE-STATE
DATA
DATA
0.1
µF
0.1
µF
1
µF
+3.3V
+1.8V
VCC
+3.3V
SYSTEM
+1.8V
SYSTEM
CONTROLLER
VL
I VL4
O VL1
O VL2
O VL3
I VCC1
I VCC2
I VCC3
I VCC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com