Electronic Components Datasheet Search
  English  ▼

X  

MAX9110ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9110ESA
Description  Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9110ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX9110ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Differential Traces
Output trace characteristics affect the performance of
the MAX9110/MAX9112. Use controlled impedance
traces to match trace impedance to both transmission
medium impedance and termination resistor. Eliminate
reflections and ensure that noise couples as common
mode by running the differential traces close together.
Reduce skew by matching the electrical length of the
traces. Excessive skew can result in a degradation of
magnetic field cancellation.
Maintain the distance between the differential traces to
avoid discontinuities in impedance. Avoid 90° turns and
minimize the number of vias to further prevent imped-
ance discontinuities.
Cables and Connectors
Transmission media should have a differential charac-
teristic impedance of about 100
Ω. Use cables and con-
nectors that have matched impedance to minimize
impedance discontinuities.
Avoid the use of unbalanced cables, such as ribbon or
simple coaxial cable. Balanced cables, such as twisted
pair, offer superior signal quality and tend to generate
less EMI due to canceling effects. Balanced cables
tend to pick up noise as common mode, which is
rejected by the LVDS receiver.
Termination
Termination resistors should match the differential char-
acteristic impedance of the transmission line. Because
the MAX9110/MAX9112 are current-steering devices,
an output voltage will not be generated without a termi-
nation resistor. Output voltage levels are dependent
upon the termination resistor value. Resistance values
may range between 75
Ω and 150Ω.
Minimize the distance between the termination resistor
and receiver inputs. Use a single 1% to 2% surface-
mount resistor across the receiver inputs.
Board Layout
For LVDS applications, a four-layer PC board that pro-
vides separate power, ground, LVDS signals, and input
signals is recommended. Isolate the input and LVDS sig-
nals from each other to prevent coupling. Separate the
input and LVDS signal planes with the power and ground
planes for best results.
Single/Dual LVDS Line Drivers with
Ultra-Low Pulse Skew in SOT23
_______________________________________________________________________________________
7
MAX9110 TRANSISTOR COUNT: 765
MAX9112 TRANSISTOR COUNT: 765
PROCESS: CMOS
Chip Information
RT = 100
Ω
0.001
μF
0.1
μF
+3.3V
DIN_
MAX9110
MAX9112
MAX9111
MAX9113
OUT_
LVDS
0.001
μF
0.1
μF
+3.3V
RECEIVER
DRIVER
Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com