Electronic Components Datasheet Search
  English  ▼

X  

MAX9110ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9110ESA
Description  Single/Dual LVDS Line Drivers with Ultra-Low Pulse Skew in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9110ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9110ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9110ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Single/Dual LVDS Line Drivers with
Ultra-Low Pulse Skew in SOT23
_______________________________________________________________________________________
3
AC CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, RL = 100
Ω ±1%, CL = 5pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V,
TA = +25°C.) (Notes 3, 4, 5; Figures 2, 3)
Note 1: Maximum and minimum limits over temperature are guaranteed by design. Devices are production tested at TA = +25°C.
Note 2: By definition, current into the device is positive and current out of the device is negative. Voltages are referred to device
ground except VOD.
Note 3: AC parameters are guaranteed by design and characterization.
Note 4: CL includes probe and fixture capacitance.
Note 5: Signal generator conditions for dynamic tests: VOL = 0, VOH = 3V, f = 20MHz, 50% duty cycle, RO = 50
Ω, tR ≤ 1ns, and tF ≤
1ns (0 to 100%).
Note 6: tSKD1 is the magnitude difference of differential propagation delays in a channel; tSKD1 = | tPHLD - tPLHD |.
Note 7: tSKD2 is the magnitude difference of the tPLHD or tPHLD of one channel and the tPLHD or tPHLD of the other channel on the
same device (MAX9112).
Note 8: tSKD3 is the magnitude difference of any differential propagation delays between devices at the same VCC and within 5°C
of each other.
Note 9: tSKD4 is the magnitude difference of any differential propagation delays between devices operating over the rated supply
and temperature ranges.
Note 10: fMAX signal generator conditions: VOL = 0, VOH = +3V, frequency = 250MHz, tR
≤ 1ns, tF ≤ 1ns (0 to 100%) 50% duty cycle.
Transmitter output criteria: duty cycle = 45% to 55%, VOD
≥ 250mV.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tSKD3
(Note 8)
1
Part-to-Part Skew
tSKD4
(Note 9)
1.5
ns
High-to-Low Transition Time
tTHL
0.25
0.6
1
ns
Low-to-High Transition Time
tTLH
0.25
0.6
1
ns
Maximum Operating Frequency
fMAX
(Note 10)
250
MHz
Typical Operating Characteristics
(VCC = +3.3V, RL = 100
Ω, CL = 5pF, VIH = +3V, VIL = GND, fIN = 20MHz, TA = +25°C, unless otherwise noted.) (Figures 2, 3)
1
100
1M
MAX9110
SUPPLY CURRENT
vs. INPUT FREQUENCY
INPUT FREQUENCY (Hz)
9.5
6.5
7.0
7.5
8.0
8.5
9.0
10k
100M
1G
A: VCC = +3.0V
B: VCC = +3.3V
C: VCC = +3.6V
C
B
A
6.4
6.7
6.6
6.5
6.8
6.9
7.0
7.1
7.2
7.3
7.4
-40
10
-15
356085
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
0.8
1.2
1.0
1.6
1.4
1.8
2.0
3.0
3.2
3.3
3.1
3.4
3.5
3.6
DIFFERENTIAL PROPAGATION DELAY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tPLHD
tPHLD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com