Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SN Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACS108-5SN
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SN Datasheet(HTML) 2 Page - STMicroelectronics

  ACS108-5SN Datasheet HTML 1Page - STMicroelectronics ACS108-5SN Datasheet HTML 2Page - STMicroelectronics ACS108-5SN Datasheet HTML 3Page - STMicroelectronics ACS108-5SN Datasheet HTML 4Page - STMicroelectronics ACS108-5SN Datasheet HTML 5Page - STMicroelectronics ACS108-5SN Datasheet HTML 6Page - STMicroelectronics ACS108-5SN Datasheet HTML 7Page - STMicroelectronics ACS108-5SN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ACS108-5Sx
2/8
®
ABSOLUTE RATINGS (limiting values)
Note 1: according to test described by IEC61000-4-5 standard & Figure 3.
SWITCH GATE CHARACTERISTICS (maximum values)
THERMAL RESISTANCES
(*) : with 5 cm2 copper (e=35µm) surface under tab
ELECTRICAL CHARACTERISTICS
For either positive or negative polarity of pin OUT voltage respect to pin COM voltage excepted note 3
Symbol
Parameter
Value
Unit
VDRM/
VRRM
Repetitive peak off-state voltage
Tj = 125 °C
500
V
IT(RMS)
RMS on-state current full cycle sine
wave 50 to 60 Hz
TO-92
Tlead = 75 °C
0.8
A
TO-92
Tamb = 60 °C
0.3
A
SOT-223
Tamb = 75 °C
0.8
A
ITMS
Non repetitive surge peak on-state current
Tj initial = 25°C, full cycle sine wave
F = 50 Hz
7.3
A
F = 60 Hz
8
A
dI/dt
Critical rate of repetitive rise of on-state current
I
G = 20mA with tr = 100ns
F = 120 Hz
100
A/µs
VPP
Non repetitive line peak pulse voltage
note 1
2
kV
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Operating junction temperature range
- 30 to + 125
°C
Tl
Maximum lead temperature for soldering during 10s
260
°C
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
0.1
W
IGM
Peak gate current (tp = 20
µs)
1
A
VGM
Peak positive gate voltage (respect to the pin COM)
5
V
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
TO-92
150
°C/W
SOT-223 (*)
60
°C/W
Rth (j-l)
Junction to lead for full AC line cycle conduction
TO-92
60
°C/W
Rth (j-t)
Junction to tab for full AC line cycle conduction
SOT-223
25
°C/W
Symbol
Test conditions
Values
Unit
IGT
VOUT = 12V
RL = 140Ω
Tj = 25°C
MAX.
10
mA
VGT
VOUT = 12V
RL = 140Ω
Tj = 25°C
MAX.
1
V
VGD
VOUT = VDRM
RL = 3.3kΩ
Tj = 125°C
MIN.
0.15
V
IH
IOUT = 100mA
gate open
Tj = 25°C
TYP.
25
mA
MAX.
60
mA
IL
IG = 20mA
Tj = 25°C
TYP.
30
mA
MAX.
65
mA
VTM
IOUT = 1.1A
tp = 500
µs
Tj = 25°C
MAX.
1.3
V
IDRM /
IRRM
VOUT = VDRM
VOUT = VRRM
Tj = 25°C
MAX.
2
µA
Tj = 125°C MAX.
200
µA
dV/dt
VOUT = 400V
gate open
Tj = 110°C
MIN.
500
V/
µs
(dI/dt)c
(dV/dt)c = 10V/
µs
Tj = 110°C
MIN.
0.1
A/ms
(dI/dt)c*
(dV/dt)c = 15V/
µsIOUT < 0 (note 3)
Tj = 110°C
MIN.
0.3
A/ms
VCL
ICL = 1mA
tp = 1ms
Tj = 25°C
TYP.
600
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com