Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SN Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACS108-5SN
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SN Datasheet(HTML) 3 Page - STMicroelectronics

  ACS108-5SN Datasheet HTML 1Page - STMicroelectronics ACS108-5SN Datasheet HTML 2Page - STMicroelectronics ACS108-5SN Datasheet HTML 3Page - STMicroelectronics ACS108-5SN Datasheet HTML 4Page - STMicroelectronics ACS108-5SN Datasheet HTML 5Page - STMicroelectronics ACS108-5SN Datasheet HTML 6Page - STMicroelectronics ACS108-5SN Datasheet HTML 7Page - STMicroelectronics ACS108-5SN Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ACS108-5Sx
3/8
®
AC LINE SWITCH BASIC APPLICATION
The ACS108 device is well adapted to washing machines, dishwashers, tumble driers, refrigerators, water
heaters and cookware. It has been especially designed to switch ON and OFF low power loads such as
solenoids, valves, relays, dispensers, micro-motors, fans, pumps, door locks and low power lamp bulbs.
Pin COM
: Common drive reference to connect to the power line neutral
Pin G
: Switch Gate input to connect to the digital controller through the resistor
Pin OUT
: Switch Output to connect to the load
This ACS™ switch is triggered with a negative gate current flowing out of the gate pin G. It can be driven
directly by the digital controller through a resistor as shown on the typical application diagram. No protec-
tion devices are required between the gates and common terminals.
The SOT-223 version allows several ACS108 devices to be connected on the same cooling PCB pad
which is the COM pin : this cooling pad can be then reduced, and the printed circuit layout is simplified.
In appliance systems, the ACS108 switch intends to drive low power load in full cycle ON/OFF mode. The
turn off commutation characteristics of these loads can be classified in 3 groups as shown in Table 1.
Thanks to its thermal and turn-off commutation characteristics, the ACS108 switch drives a load, such as
door lock, lamp, relay, valve and micro motor, up to 0.2 A without any turn-off aid circuit. Switching off the
ACS within one full AC line cycle will extend its current up to 0.8 A on resistive load.
Table 1: Load grouping versus their turn off commutation requirement (230V AC applications).
TYPICAL APPLICATION DIAGRAM
LOAD
Load IRMS
current
POWER
FACTOR
(dI/dt)c
(dV/dt)c
TURN-OFF
DELAY
(A)
(A/ms)
(V/µs)
(ms)
Door lock, lamp
< 0.3
1
0.15
0.15
< 10
< 0.8
1
0.4
0.15
< 20
Relay Valve
Dispenser
Micro-motor
< 0.1
> 0.7
< 0.05
< 5
< 10
Pump Fan
< 0.2
> 0.2
< 0.1
< 10
< 10
< 0.6
> 0.2
< 0.3
< 10
< 20
AC
MAINS
L
N
ST 72 MCU
LOAD
-Vcc
L
R
G
COM
OUT
ACS108
ON
S
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com