Electronic Components Datasheet Search
  English  ▼

X  

AD5171 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5171 Datasheet HTML 12Page - Analog Devices AD5171 Datasheet HTML 13Page - Analog Devices AD5171 Datasheet HTML 14Page - Analog Devices AD5171 Datasheet HTML 15Page - Analog Devices AD5171 Datasheet HTML 16Page - Analog Devices AD5171 Datasheet HTML 17Page - Analog Devices AD5171 Datasheet HTML 18Page - Analog Devices AD5171 Datasheet HTML 19Page - Analog Devices AD5171 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5171
Rev. D | Page 16 of 24
CONTROLLING THE AD5171
There are two ways of controlling the AD5171. Users can either
program the devices with computer software or employ external
I2C controllers.
SOFTWARE PROGRAMMING
Due to the advantage of the one-time programmable feature,
users may consider programming the device in the factory
before shipping it to the end users. Analog Devices offers device
programming software that can be implemented in the factory
on PCs running Windows 95 to Windows XP platforms. As a
result, external controllers are not required, which significantly
reduces development time.
The program is an executable file that does not require the user
to know any programming languages or programming skills. It
is easy to set up and use. Figure 32 shows the software interface.
The software can be downloaded from the AD5171 product page.
Figure 32. Software Interface
Write
The AD5171 starts at midscale after power-up prior to the OTP
programming. To increment or decrement the resistance, move
the scrollbar on the left. To write any specific values, use the bit
pattern control in the upper screen and click Run. The format
of writing data to the device is shown in Table 8. Once the
desired setting is found, click Program Permanent to blow the
internal fuse links for permanent setting. The user can also set
the programming bit pattern in the upper screen and click Run
to achieve the same result.
Read
To read the validation bits and data from the device, click Read.
The user may also set the bit pattern in the upper screen and
click Run. The format of reading data out from the device is
shown in Table 9.
DEVICE PROGRAMMING
To apply the device programming software in the factory, users
need to modify a parallel port cable and configure Pin 2, Pin 3,
Pin 15, and Pin 25 for SDA_write, SCL, SDA_read, and DGND,
respectively, for the control signals (see Figure 33). In addition,
lay out the PCB of the AD5171 with SCL and SDA pads, as
shown in Figure 34, such that pogo pins can be inserted for the
factory programming.
13
25
12
24
11
23
10
22
9
21
8
20
7
19
6
18
5
17
4
16
3
15
2
14
1
SCL
R3
100Ω
R2
100Ω
R1
100Ω
SDA
READ
WRITE
Figure 33. Parallel Port Connection: Pin 2 = SDA_write, Pin 3 = SCL,
Pin 15 = SDA_read, and Pin 25 = DGND
W
VDD
GND
SCL
A
B
AD0
SDA
Figure 34. Recommended AD5171 PCB Layout
Table 8. SDA Write Mode Bit Format
S
0
1
0
1
1
0
AD0
0
A
T
X
X
X
X
X
X
X
A
X
X
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Instruction Byte
Data Byte
Table 9. SDA Read Mode Bit Format
S
0
1
0
1
1
0
AD0
1
A
E1
E0
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com