Electronic Components Datasheet Search
  English  ▼

X  

AD5171 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5171 Datasheet HTML 13Page - Analog Devices AD5171 Datasheet HTML 14Page - Analog Devices AD5171 Datasheet HTML 15Page - Analog Devices AD5171 Datasheet HTML 16Page - Analog Devices AD5171 Datasheet HTML 17Page - Analog Devices AD5171 Datasheet HTML 18Page - Analog Devices AD5171 Datasheet HTML 19Page - Analog Devices AD5171 Datasheet HTML 20Page - Analog Devices AD5171 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5171
Rev. D | Page 17 of 24
Table 10. SDA Bits Definitions and Descriptions
Bit
Description
S
Start Condition.
P
Stop Condition.
A
Acknowledge.
AD0
I2C Device Address Bit. Allows a maximum of two AD5171s to be addressed.
X
Don’t Care.
T
OTP Programming Bit. Logic 1 programs the wiper position permanently.
D5, D4, D3, D2, D1, D0
Data Bits.
E1, E0
OTP Validation Bits:
0, 0 = Ready to Program.
0, 1 = Test Fuse Not Blown Successfully. For factory setup checking purpose only. Users should not see these
combinations.
1, 0 = Fatal Error. Do not retry. Discard the unit.
1, 1 = Programmed Successfully. No further adjustments are possible.
I2C CONTROLLER PROGRAMMING
Write Bit Patterns
SDA
SCL
0
1
1
0
11
0 AD0 R/W
0
X
X
X
X
X
X
X
X
XD5
D4
D3
D2
D1
D0
91
91
9
STOP BY
MASTER
FRAME 1
DATA BYTE
FRAME 2
INSTRUCTION BYTE
FRAME 1
SLAVE ADDRESS BYTE
START BY
MASTER
ACK. BY
AD5171
ACK. BY
AD5171
ACK. BY
AD5171
Figure 35. Writing to the RDAC Register
SDA
SCL
0
1
1
0
11
0 AD0 R/W
1X
X
X
X
X
X
X
X
X
D5
D4D3
D2D1
D0
91
91
9
STOP BY
MASTER
FRAME 1
DATA BYTE
FRAME 2
INSTRUCTION BYTE
FRAME 1
SLAVE ADDRESS BYTE
START BY
MASTER
ACK. BY
AD5171
ACK. BY
AD5171
ACK. BY
AD5171
Figure 36. Activating One-Time Programming
Read Bit Pattern
SDA
SCL
0
1
1
0
11
0 AD0
E1
E0
D5
D4
D3
D2
D1
D0
91
9
R/W
STOP BY
MASTER
FRAME 2
RDAC REGISTER
FRAME 1
SLAVE ADDRESS BYTE
START BY
MASTER
NO ACK. BY
MASTER
ACK. BY
AD5171
Figure 37. Reading Data from RDAC Register
I2C-COMPATIBLE 2-WIRE SERIAL BUS
For users who prefer to use external controllers, the AD5171
can be controlled via an I2C-compatible serial bus; the part is
connected to this bus as a slave device. The following section
describes how the 2-wire I2C serial bus protocol operates (see
Figure 35, Figure 36, and Figure 37).
The master initiates data transfer by establishing a start condition,
which is when SDA goes from high to low while SCL is high
(see Figure 35 and Figure 36). The following byte is the slave
address byte, which consists of the 6 MSBs as a slave address
defined as 010110. The next bit is AD0, which is an I2C device
address bit. Depending on the states of their AD0 bits, two
AD5171s can be addressed on the same bus (see Figure 38). The
last LSB is the R/W bit, which determines whether data is read
from, or written to, the slave device.
The slave address corresponding to the transmitted address bit
responds by pulling the SDA line low during the 9th clock pulse
(this is termed the acknowledge bit). At this stage, all other
devices on the bus remain idle while the selected device waits
for data to be written to, or read from, its serial register.
The write operation contains one instruction byte more than
the read operation. The instruction byte in the write mode
follows the slave address byte. The MSB of the instruction byte
labeled T is the one-time programming bit. After acknowledging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com