Electronic Components Datasheet Search
  English  ▼

X  

AD8229 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8229
Description  1 nV/Hz Low Noise 210C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8229 Datasheet HTML 15Page - Analog Devices AD8229 Datasheet HTML 16Page - Analog Devices AD8229 Datasheet HTML 17Page - Analog Devices AD8229 Datasheet HTML 18Page - Analog Devices AD8229 Datasheet HTML 19Page - Analog Devices AD8229 Datasheet HTML 20Page - Analog Devices AD8229 Datasheet HTML 21Page - Analog Devices AD8229 Datasheet HTML 22Page - Analog Devices AD8229 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8229
Rev. B | Page 19 of 24
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8229 must have a return path to
ground. When using a floating source without a current return
path, such as a thermocouple, a current return path should be
created, as shown in Figure 60.
THERMOCOUPLE
+VS
REF
–VS
AD8229
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8229
TRANSFORMER
+VS
REF
–VS
AD8229
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8229
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8229
TRANSFORMER
+VS
REF
–VS
AD8229
CORRECT
Figure 60. Creating an Input Bias Current Return Path
INPUT PROTECTION
The inputs to the AD8229 should be kept within the ratings
stated in the Absolute Maximum Ratings section. If this cannot
be done, protection circuitry can be added in front of the AD8229
to limit the current into the inputs to a maximum current, IMAX.
Input Voltages Beyond the Rails
If voltages beyond the rails are expected, use an external resistor in
series with each input to limit current during overload conditions.
The limiting resistor at the input can be computed from
MAX
SUPPLY
IN
PROTECT
I
V
V
R
|
|
−
≥
Noise-sensitive applications may require a lower protection
resistance. Low leakage diode clamps, such as the BAV199, can be
used at the inputs to shunt current away from the AD8229 inputs
and therefore allow smaller protection resistor values. To ensure
current flows primarily through the external protection diodes,
place a small value resistor, such as a 33 Ω, between the diodes and
the AD8229.
SIMPLE METHOD
LOW NOISE METHOD
+VS
AD8229
RPROTECT
RPROTECT
–VS
I
VIN+
+
–
VIN–
+
–
+VS
+VS
AD8229
RPROTECT
33Ω
33Ω
RPROTECT
–VS
–VS
I
VIN+
+
–
VIN–
+
–
+VS
–VS
Figure 61. Protection for Voltages Beyond the Rails
Large Differential Input Voltage at High Gain
If large differential voltages at high gain are expected, use an
external resistor in series with each input to limit current during
overload conditions. The limiting resistor at each input can be
computed from


−
−
≥
G
MAX
DIFF
PROTECT
R
I
V
V
R
1
|
|
2
1
Noise-sensitive applications may require a lower protection
resistance. Low leakage diode clamps, such as the BAV199, can be
used across the inputs to shunt current away from the AD8229
inputs and therefore allow smaller protection resistor values.
AD8229
RPROTECT
RPROTECT
I
VDIFF
+
–
AD8229
RPROTECT
RPROTECT
I
VDIFF
+
–
SIMPLE METHOD
LOW NOISE METHOD
Figure 62. Protection for Large Differential Voltages
IMAX
The maximum current into the AD8229 inputs, IMAX, depends
on both time and temperature. At room temperature, the part
can withstand a current of 10 mA for at least a day. This time is
cumulative over the life of the part. At 210°C, limit current to
2 mA for the same period. The part can withstand 5 mA at
210°C for an hour, cumulative over the life of the part.
RADIO FREQUENCY INTERFERENCE (RFI)
RF rectification is often a problem when amplifiers are used in
applications that have strong RF signals. The disturbance can
appear as a small dc offset voltage. High frequency signals can
be filtered with a low-pass RC network placed at the input of
the instrumentation amplifier, as shown in Figure 63. The filter
limits the input signal bandwidth, according to the following
relationship:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
+
=
C
CM
RC
uency
FilterFreq
π
2
1
=
where CD ≥ 10 CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com