Electronic Components Datasheet Search
  English  ▼

X  

AD8229 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8229
Description  1 nV/Hz Low Noise 210C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229 Datasheet(HTML) 3 Page - Analog Devices

  AD8229 Datasheet HTML 1Page - Analog Devices AD8229 Datasheet HTML 2Page - Analog Devices AD8229 Datasheet HTML 3Page - Analog Devices AD8229 Datasheet HTML 4Page - Analog Devices AD8229 Datasheet HTML 5Page - Analog Devices AD8229 Datasheet HTML 6Page - Analog Devices AD8229 Datasheet HTML 7Page - Analog Devices AD8229 Datasheet HTML 8Page - Analog Devices AD8229 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8229
Rev. B | Page 3 of 24
SPECIFICATIONS
+VS = 15 V, −VS = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
CMRR DC to 60 Hz with 1 kΩ Source Imbalance
VCM = ±10 V
G = 1
86
dB
Temperature Drift
TA = −40°C to +210°C
300
nV/V/°C
G = 10
106
dB
Temperature Drift
TA = −40°C to +210°C
30
nV/V/°C
G = 100
126
dB
Temperature Drift
TA = −40°C to +210°C
3
nV/V/°C
G = 1000
TA = −40°C to +210°C
134
dB
CMRR at 5 kHz
VCM = ±10 V
G = 1
80
dB
G = 10
90
dB
G = 100
90
dB
G = 1000
90
dB
VOLTAGE NOISE
VIN+, VIN− = 0 V
Spectral Density1: 1 kHz
Input Voltage Noise, eni
1
1.1
nV/√Hz
Output Voltage Noise, eno
45
50
nV/√Hz
Peak to Peak: 0.1 Hz to 10 Hz
G = 1
2
µV p-p
G = 1000
100
nV p-p
CURRENT NOISE
Spectral Density: 1 kHz
1.5
pA/√Hz
Peak to Peak: 0.1 Hz to 10 Hz
100
pA p-p
VOLTAGE OFFSET
VOS = VOSI + VOSO/G
Input Offset, VOSI
100
µV
Average TC
TA = −40°C to +210°C
0.1
1
µV/°C
Output Offset, VOSO
1000
µV
Average TC
TA = −40°C to +210°C
3
10
µV/°C
Offset RTI vs. Supply (PSR)
VS = ±5 V to ±15 V
G = 1
TA = −40°C to +210°C
86
dB
G = 10
TA = −40°C to +210°C
106
dB
G = 100
TA = −40°C to +210°C
126
dB
G = 1000
TA = −40°C to +210°C
130
dB
INPUT CURRENT
Input Bias Current
70
nA
High Temperature
TA = 210°C
200
nA
Input Offset Current
35
nA
High Temperature
TA = 210°C
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com