Electronic Components Datasheet Search
  English  ▼

X  

AD9051 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9051
Description  10-Bit, 60 MSPS A-D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9051 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9051 Datasheet HTML 3Page - Analog Devices AD9051 Datasheet HTML 4Page - Analog Devices AD9051 Datasheet HTML 5Page - Analog Devices AD9051 Datasheet HTML 6Page - Analog Devices AD9051 Datasheet HTML 7Page - Analog Devices AD9051 Datasheet HTML 8Page - Analog Devices AD9051 Datasheet HTML 9Page - Analog Devices AD9051 Datasheet HTML 10Page - Analog Devices AD9051 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV.
AD9051
–7–
FREQUENCY – MHz
0
–10
–40
–100
–30
–90
–20
–50
–80
–70
–60
AIN = 10.3MHz
ENCODE = 40MSPS
SNR = 58.6dB
SINAD = 57.69dB
0
2.5
5.0
7.5
10
12.5
15
17.5
20
TPC 7. FFT Plot 40 MSPS, 10.3 MHz
FREQUENCY – MHz
0
–10
–40
–100
–30
–90
–20
–50
–80
–70
–60
AIN = 15.2MHz
ENCODE = 40MSPS
SNR = 58.47dB
SINAD = 57.04dB
0
2.5
5.0
7.5
10
12.5
15
17.5
20
TPC 8. FFT Plot 40 MSPS, 15.2 MHz
FREQUENCY – MHz
0
–10
–40
–100
–30
–90
–20
–50
–80
–70
–60
AIN = 10.3MHz
ENCODE = 60MSPS
SNR = 58.15dB
SINAD = 57.25dB
0
3.8
7.5
11.3
15.0
18.8
22.5
26.3
30
TPC 9. FFT Plot 60 MSPS, 10.3 MHz
FREQUENCY – MHz
0
–10
–40
–100
–30
–90
–20
–50
–80
–70
–60
AIN = 15.2MHz
ENCODE = 60MSPS
SNR = 58.29dB
SINAD = 57.23dB
0
3.8
7.5
11.3
15.0
18.8
22.5
26.3
30
TPC 10. FFT Plot 60 MSPS, 15.2 MHz
FREQUENCY – MHz
0
–10
–40
–100
–30
–90
–20
–50
–80
–70
–60
AIN = 21.7MHz
ENCODE = 60MSPS
SNR = 57.76dB
SINAD = 56.27dB
0
3.8
7.5
11.3
15.0
18.8
22.5
26.3
30
TPC 11. FFT Plot 60 MSPS, 21.7 MHz
FREQUENCY – MHz
0
–10
–40
–100
–30
–90
–20
–50
–80
–70
–60
AIN1 = 9.5MHz, –7dBFS
AIN2 = 9.9MHz, –7dBFS
IMD = –65dBc
ENCODE = 60MSPS
0
3.8
7.5
11.3
15.0
18.8
22.5
26.3
30
TPC 12. Two-Tone IMD
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com