Electronic Components Datasheet Search
  English  ▼

X  

AD9051 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9051
Description  10-Bit, 60 MSPS A-D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9051 Datasheet(HTML) 1 Page - Analog Devices

  AD9051 Datasheet HTML 1Page - Analog Devices AD9051 Datasheet HTML 2Page - Analog Devices AD9051 Datasheet HTML 3Page - Analog Devices AD9051 Datasheet HTML 4Page - Analog Devices AD9051 Datasheet HTML 5Page - Analog Devices AD9051 Datasheet HTML 6Page - Analog Devices AD9051 Datasheet HTML 7Page - Analog Devices AD9051 Datasheet HTML 8Page - Analog Devices AD9051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9051
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
10-Bit, 60 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
ENCODE
AD9051
T/H
SUM
AMP
DAC
ADC
5V
DECODE
LOGIC
TIMING
AIN
AINB
5V
GND
REFERENCE
CIRCUITS
10
BWSEL
ADC
IN
OUT
FEATURES
60 MSPS Sampling Rate
9.3 Effective Number of Bits at fIN = 10.3 MHz
250 mW Total Power at 60 MSPS
Selectable Input Bandwidth of 50 MHz or 130 MHz
On-Chip T/H and Voltage Reference
Single 5 V Supply Voltage
5 V or 3 V Logic I/O Compatible
Input Range and Output Coding Options Available
APPLICATIONS
Medical Imaging
Digital Communications
Professional Video
Instrumentation
Set-Top Box
GENERAL DESCRIPTION
The AD9051 is a complete 10-bit monolithic sampling analog-
to-digital converter (ADC) with an onboard track-and-hold and
reference. The unit is designed for low cost, high performance
applications and requires only 5 V and an encode clock to
achieve 60 MSPS sample rates with 10-bit resolution.
The encode clock is TTL compatible and the digital outputs are
CMOS; both can operate with 5 V/3 V logic. The two-step
architecture used in the AD9051 is optimized to provide the
best dynamic performance available while maintaining low
power consumption.
A 2.5 V reference is included onboard, or the user can provide
an external reference voltage for gain control or matching of
multiple devices. Fabricated on a state-of-the-art BiCMOS
process, the AD9051 is packaged in a space saving surface
mount package (SSOP) and is specified over the industrial tem-
perature range (–40
°C to +85°C).
2010
781/461-3113
C


Similar Part No. - AD9051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051 Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9051 AD-AD9051 Datasheet
686Kb / 12P
A/D Converter
Rev. C
AD9051-2V AD-AD9051-2V Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9051-2V/PCB AD-AD9051-2V/PCB Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9051-2VPCB AD-AD9051-2VPCB Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
More results

Similar Description - AD9051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020 AD-AD9020 Datasheet
204Kb / 12P
10-Bit 60 MSPS A/D Converter
REV.A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
AD9051 AD-AD9051 Datasheet
142Kb / 12P
10-Bit, 60 MSPS A/D Converter
REV.A
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
10-Bit, 60 MSPS A/D Converter
02 1999
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
10-Bit 60 MSPS A/D Converter
REV. C
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
10-Bit, 60 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com