Electronic Components Datasheet Search
  English  ▼

X  

MLX81200 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX81200
Description  BLDC Motor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81200 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX81200 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX81200 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MLX81200
BLDC Motor Controller
MLX81200 Product Abstract
Page 2 of 15
June/2012
Rev 2.4
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
MLX81200
K
LQ
BAA-000
TU
MLX81200
K
LQ
BAA-000
RE
MLX81200
K
PF
BAA-000
TU
MLX81200
K
PF
BAA-000
RE
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
LQ for QFN, PF for 7x7 EP
Packing Form:
RE for Reel, TU for Tube
Ordering example:
MLX81200KLQ-BAA-000-TU
Applications
All kinds of BLDC motor controllers via external FET transistors like
o
X-by-wire applications using
position sensors
o
Oil, water, fuel pumps
o
Blowers
o
Compressors
Contents
1.
FUNCTIONAL DIAGRAM ........................................................................................................................ 3
2.
ELECTRICAL CHARACTERISTICS........................................................................................................ 4
2.1
OPERATING CONDITIONS .................................................................................................................... 4
2.2
ABSOLUTE MAXIMUM RATINGS ............................................................................................................ 4
3.
APPLICATION EXAMPLES..................................................................................................................... 5
3.1
BLDC MOTOR CONTROL .................................................................................................................... 5
3.2
BLDC MOTOR CONTROL VIA LIN BUS CONNECTION ............................................................................ 6
3.3
BLDC MOTOR CONTROL VIA CAN BUS CONNECTION .......................................................................... 8
4.
PIN DESCRIPTION .................................................................................................................................. 9
5.
MECHANICAL SPECIFICATION ........................................................................................................... 11
5.1
QFN 7X7 (48 LEADS)........................................................................................................................ 11
5.2
TQFP_EP 7X7 (48 LEADS)............................................................................................................... 12
6.
STANDARD INFORMATION REGARDING MANUFACTURABILITY OF MELEXIS PRODUCTS WITH
DIFFERENT SOLDERING PROCESSES....................................................................................................... 13
7.
DISCLAIMER.......................................................................................................................................... 14
YOUR NOTES ................................................................................................................................................. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com