Electronic Components Datasheet Search
  English  ▼

X  

MLX81205 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX81205
Description  BLDC Motor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81205 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX81205 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MLX81205/07/10/15
Product Abstract
Page 13 of 18
Rev 3.9
TFR / CPA
11-May-2012
4.5
Sensor-less BLDC Motor Control via a CAN-Bus-Interface
In this sample application the MLX81215 can realize the sensor-less driving of a BLDC motor via a CAN-Bus
Interface. System wake-up on CAN-bus traffic is possible. The 5V and a 3.3V voltage supply needed for the
CAN-Bus, is generated via external N-FET control in order to limit the power dissipation in the package.
The motor current can be monitored via shunt resistors in the ground and battery path in case the application
requests a double side monitoring for security reasons.
Application programming on module level via the CAN-Bus is supported by the SPI-Interface.
Figure 6 – Typical BLDC Motor Control Application Example on the CAN-Bus with MLX81215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com