Electronic Components Datasheet Search
  English  ▼

X  

MLX81205 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX81205
Description  BLDC Motor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81205 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX81205 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX81205 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MLX81205/07/10/15
Product Abstract
Page 2 of 18
Rev 3.9
TFR / CPA
11-May-2012
Applications
The MLX81205/07/10/15 controls BLDC motors via external FET transistors for:
o
Oil-, water-, fuel-pumps
o
Blowers, compressors
o
Positioning actuators
Family Concept
MLX81205
MLX81207
MLX81210
MLX81215
Flash Memory [kByte]
32
32
32
64
RAM [kByte]
4
4
8
8
EEPROM [Byte]
384
384
384
384
Package
QFN32
QFN48
TQFP EP 48
QFN48
TQFP EP 48
QFN48
TQFP EP 48
Support of active high side reverse
polarity protection
No
Yes
Yes
Yes
Current shunt measurement
possibility
High side
High side
Low side,
High side
Low side,
High side
UART
Yes
Yes
Yes
Yes
SPI
No
Yes
Yes
Yes
Support of sensor based BLDC
motor control
No
Yes
Yes
Yes
Support of Switched Reluctance
(SR) motor control
No
No
No
Yes
5V Regulator support for 5V
external supplies (CAN support)
No
No
Yes
Yes
Bonded pins in package
32
37
48
48
Pin compatibility
MLX81210 and MLX81215 are pin compatible
Table 1 – Family Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com