Electronic Components Datasheet Search
  English  ▼

X  

MLX83202 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX83202
Description  Automotive NFET pre-drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83202 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX83202 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
MLX83202/MLX83203
Automotive NFET pre-drivers
3901083203
Page 19 of 35
Prelim. Data Sheet
Rev 2.2
4 Dec 2013
Two modes for supplying diagnostic feedback to the MCU are possible and can be set in EEPROM.
The first mode is the slow response diagnostic mode and uses a larger PWM period to communicate
diagnostics information to the MCU over ICOM.
The second mode is the fast response diagnostic mode and uses a PWM period that is ~8 times smaller.
This fast mode allows the fastest response time of the interrupt routine form the external MC, but also implies
the MCU needs to be fast enough in order to be able to capture the duty cycle. For the fast response
diagnostic mode the MCU clock needs to be minimum 20MHz.
Note:
The different diagnostic feedback modes (slow/fast) are applicable independent of the configuration
of the internal hardware protection features.
When VDD is pulled low to put the pre-driver in sleep mode ICOM will go low as well. As soon as
VDD goes high, ICOM will go high as well and remains high. No EOF may be required.
At POR it is possible that the voltages on VSUP, VBOOST and VREG have not been achieved (dut
to charging of the external capacitors) and thus it is possible ICOM may immediately go in diagnostic
mode. This implies the MCU has to acknowledge these errors until the under voltage conditions have
been resolved. As soon as the EOF duty cycle is acknowledged and ICOM remains high, the pre-
driver is ready for normal operation.
8.4.9 Pre-driver output state summary
Below table shows all conditions due to which the pre-driver may be disabled:
The pre-driver is disabled (high-impedance state)
The Pre-driver is released again
As soon as an error condition appears for which the hardware
protection is activated
VSUP_OV
VDS
VREG_OV
As soon as the EOF has been acknowledged.
As soon as VDD = LOW
As soon as VDD = HIGH
As soon as EN = LOW
As soon as EN = HIGH
Table 9. Pre-driver output summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com