Electronic Components Datasheet Search
  English  ▼

X  

MLX83202 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # MLX83202
Description  Automotive NFET pre-drivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX83202 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  MLX83202 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX83202 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
MLX83202/MLX83203
Automotive NFET pre-drivers
3901083203
Page 3 of 35
Prelim. Data Sheet
Rev 2.2
4 Dec 2013
3 Glossary of Terms
OVT
Overtemperature
OV
Overvoltage
UV
Undervoltage
POR
Power-On-Reset
CP
Charge pump
VDD
Logic supply (3.3V or 5V)
Vds
Drain-source voltage
Vgs
Gate-source voltage
HV
High Voltage (>5V)
4 Absolute Maximum Ratings
All voltages are referenced to ground (GND). Positive currents flow into the IC. The absolute maximum
ratings given in the table below are limiting values that do not lead to a permanent damage of the device.
Exceeding any of these limits may do so. Long term exposure to limiting values may affect the reliability of
the device. Reliable operation of the IC is only specified within the limits shown in “Operating conditions”.
Parameter
Symbol
Condition
Limit
Unit
Min
Max
Supply voltage
VSUP, VBATF
t < 500ms (note 1)
-0.3
45
V
Permanent (functional)
-0.3
28
V
VDD supply voltage
VDD
-0.3
5.5
V
Voltage on Analog LV
VAN_LV
-0.3
VDD+0.3
V
Digital Output Voltage
VOUT_DIG
-0.3
VDD+0.3
V
Digital Input Voltage
VIN_DIG
-0.3
VDD+0.3
V
Digital Input Current
IIN_DIG
-10
10
mA
Input voltage on PHASEX pins
VIN_PHASE
-0.7
45
V
Maximum latch–up free current at
any pin
ILATCH
according JEDEC JESD78,
AEC-Q100-004
-100
100
mA
ESD capability of any other pin
ESD
Human body model (note 2)
-2
+2
kV
Storage temperature
Tstg
-55
150
°C
Junction Temperature
TJ
(note 3)
-40
150
(175
under
revision)
°C
Thermal resistance Package
Rthja
in free air on multilayer pcb (JEDEC 1s2p)
37
K/W
Rthjc
referring to center of exposed pad
10
K/W
Table 1. Maximum ratings
Note:
1.
Only during Loaddump pulse.
2.
Equivalent to discharging a 100pF capacitor through a 1.5kOhm resistor conform to MIL STD 883
method 3015.7
3.
For applications with Tj > 125C: The Extended temperature range is only allowed for a limited period
of time. The application mission profile has to be agreed by Melexis. Some analog parameters may
drift out of limits, but chip functionality is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com