Electronic Components Datasheet Search
  English  ▼

X  

ML9475 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9475
Description  1/3 or 1/4 Duty, 40-Output LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9475 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9475 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FEDL9475-01
ML9475
6/20
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
LVDD, DVDD
Ta = 25°C
–0.3 to +6.5
V
Input voltage
VI
Ta = 25°C
–0.3 to LVDD+0.3
V
Power dissipation
PD
Ta
 105°C
350
mW
Output current
IO
Ta = 25°C
–2.0 to +2.0
mA
Storage temperature
TSTG
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Logic power supply
voltage
LVDD
VSS= 0 V
2.7 to 3.6, 4.5 to 5.5
V
LCD drive voltage
DVDD
VSS= 0 V
3.5 to 5.5
V
CLOCK frequency
fcp
0.01 to 2
MHz
Operating temperature
Ta
–40 to +105
°C
Recommended setting range for external parts (for oscillator circuit)
(LVDD = 4.5 to 5.5 V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Oscillator resistor
RO
20
82
k
Oscillator capacitor
CO
0.01
0.047
F
Frame frequency
fFRM
14.6
451.0
Hz
The relationship between external oscillator resistor value, external oscillator capacitor value, and frame
frequency is as follows:
fFRM = fOSC / 24
fOSC = 1 / (device coefficient  external oscillator resistor value RO  external oscillator capacitor value CO)
Device coefficient = 0.6
23%
(LVDD = 2.7 to 3.6 V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Oscillator resistor
RO
20
82
k
Oscillator capacitor
CO
0.01
0.047
F
Frame frequency
fFRM
14.6
451.0
Hz
The relationship between external oscillator resistor value, external oscillator capacitor value, and frame
frequency is as follows:
fFRM = fOSC / 24
fOSC = 1 / (device coefficient  external oscillator resistor value RO  external oscillator capacitor value CO)
Device coefficient = 0.6
23%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com