Electronic Components Datasheet Search
  English  ▼

X  

ML9475 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML9475
Description  1/3 or 1/4 Duty, 40-Output LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9475 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML9475 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FEDL9475-01
ML9475
8/20
Switching Characteristics (Serial Interface)
(LVDD = 2.7 to 3.6 V, 4.5 to 5.5 V, DVDD = 3.5 to 5.5 V, Ta =
40 to +105°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock frequency
fCP
—
0.01
2.0
MHz
Clock pulse width
tWCP
—
70
—
ns
Rise time, Fall time *4
tr, tf
—
—
3
s
Data setup time
tDSU
—
50
—
ns
Data hold time
tDHD
—
50
—
ns
Load pulse width
tWLD
—
100
—
ns
Clock to load time
tCL
—
100
—
ns
Load to clock time
tLC
—
100
—
ns
*4
Applied to CLOCK pin
CLOCK
DATA_IN
LOAD
tr
tWCP
tWCP
tf
VIH
VIL
1/fCP
VIH
VIL
tLC
tWLD
tCL
VIH
VIL
VIH
VIL
tDSU tDHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com