Electronic Components Datasheet Search
  English  ▼

X  

ML9488 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9488 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9488 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
FEDL9488-01
ML9488
6/31
I2C interface timing
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta = -40 to +105°C)
Item
Symbol
Condition
Min.
Typ. Max.
Unit
Applicable pin
SCL clock frequency
fSCL
—
—
400
kHz SCL
Hold time (repeat)
"STATRT" condition
tHD,STA
0.6
—
—
μs
SCL,SDA
SCL "L" pulse width
tLOW
1.3
—
—
μs
SCL
SCL "H" pulse width
tHIGH
0.6
—
—
μs
SCL
Setup time for repeat
"START" condition
tSU,STA
0.6
—
—
μs
SCL,SDA
Data hold time
tHD,DAT
0
—
—
ns
SCL,SDA
Data setup time
tSU,DAT
200
—
—
ns
SCL,SDA
Setup time for "STOP"
condition
tSU,STO
0.6
—
—
μs
SCL,SDA
Bus free time between
"STOP" condition and
"START" condition
tBUF
1.3
—
—
μs
SCL
Data valid acknowledge
time
tVD,ACK
—
—
1.2
μs
SCL,SDAAACK
Signal rise and fall time
tir,tif
—
—
(*3)
μs
 SCL,SDA
Data bus load
capacitance
Cb
—
—
400
pF
SDA,SDAACK
Noise pulse width
tolerance
twf
—
—
50
ns
SCL,SDA
(*3) tir and tif shall be reference values.
The longer the clock rise and fall time, the more susceptible to extraneous noises around the threshold value.
Make the rise as steep as possible. Reference value: max=0.1μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com