Electronic Components Datasheet Search
  English  ▼

X  

ML9488 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9488 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML9488 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9488 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FEDL9488-01
Issue Date: Jan. 15, 2013
ML9488
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
1/31
GENERAL DESCRIPTION
The ML9488 is an LCD driver LSI, consists of a 80-bit shift register, a 320-bit data latch, 80 sets of LCD drivers,
and a common signal generation circuit.
It can directly drive an LCD up to 80 segments for static display, 160 segments for 1/2-duty display, 240
segments for 1/3-duty display, and 320 segments for 1/4-duty display.
The three-wire serial interface and I2C interface are selectable.
FEATURES
Logic power supply voltage
: 2.7 to 5.5 V
LCD drive power supply voltage : 4.5 to 5.5 V
Maximum number of segments
Static display
: 80 segments
1/2-duty display
: 160 segments
1/3-duty display
: 240 segments
1/4-duty display
: 320 segments
Interface with microcomputer :
Serial interface : DATA, CLOCK, LOAD
CLOCK transfer speed up to 1 MHz
I2C interface
: SDA, SCL, SDAACK
SCL transfer speed up to 400 kHz
Built-in CR oscillator circuit using the internal resistor or External resistor
Cascade connectable (up to sixteen chips)
Built-in common signal generation circuit
Built-in common output intermediate-value voltage generation circuit
Built-in POC (Power On Clear) circuit
Gold bump chip (ML9488DVWA)
Comparison table
Item
ML9478CDVWA
ML9488DVWA
Frame Frequency
(Internal oscillation)
65Hz/75Hz/85Hz/95Hz
(programmable)
130Hz/150Hz/170Hz/190Hz
(programmable)


Similar Part No. - ML9488

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results

Similar Description - ML9488

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
Static 1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com