Electronic Components Datasheet Search
  English  ▼

X  

UZ708 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UZ708
Description  POWER ZENERS 3WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ708 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UZ708 Datasheet HTML 1Page - Digitron Semiconductors UZ708 Datasheet HTML 2Page - Digitron Semiconductors UZ708 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ706 – UZ790 SERIES
POWER ZENERS
UZ110 – UZ140 SERIES
3 WATT
MAXIMUM RATINGS
Zener Voltage, VZ
6.8 to 400V
Continuous Current
See table
Surge Current ( 8.3 ms)
See table
Surge Power
See graph
Power
See lead temperature derating curve
Storage and Operating Temperature
-65 to +175°C
ELECTRICAL CHARACTERISTICS
ELECTRICAL SPECIFICATIONS @ 25°c
MAXIMUM RATINGS
Max.
Zener
Impedance
§
Maximum
Reverse Leakage
Current
TYPE*
Nominal Zener
Voltage †
VZ @ lZT
Test
Current
lZT
ZZ @ lZT
lR @
VR
+/-
5%
VR
+/-
10%
VR
Typ.
Temp.
Coefficient
TC @ lZT
Maximum
Continuous
Current
lZM
Maximum Surge
Current
‡
lS
+/- 5%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
%/°C
mA
Amps
UZ706
6.8
75
2
500
5.2
4.9
.04
440
10.0
UZ707
7.5
75
2
300
5.7
5.4
.04
400
8.0
UZ708
8.2
75
3
200
6.2
5.9
.05
360
7.0
UZ709
9.1
75
3
100
6.9
6.6
.05
330
6.0
UZ710
10.0
75
4
40
7.6
7.2
.06
300
5.0
UZ712
12
65
5
10
9.1
8.6
.07
250
4.0
UZ713
13
50
6
10
9.9
9.3
.07
230
4.0
UZ714
14
50
6
10
10.6
10.1
.07
210
4.0
UZ715
15
50
6
10
11.4
10.8
.07
200
3.0
UZ716
16
50
7
5
12.2
11.5
.07
185
3.0
UZ718
18
40
8
5
13.7
12.9
.08
170
2.0
UZ720
20
40
9
5
15.2
14.4
.08
150
2.0
UZ722
22
30
10
5
16.7
15.8
.08
135
2.0
UZ724
24
30
10
5
18.2
17.3
.08
125
1.5
UZ727
27
25
12
1
20.6
19.4
.09
110
1.5
UZ730
30
25
15
1
22.8
21.6
.090
100
1.5
UZ733
33
20
21
1
25.1
23.7
.090
90
1.2
UZ736
36
20
21
1
27.4
25.9
.090
85
1.0
UZ740
40
20
27
1
30.4
28.8
.095
75
1.0
UZ745
45
15
37
1
34.2
32.4
.095
65
0.8
UZ750
50
15
50
1
38.0
36.0
.095
60
0.8
UZ756
56
10
70
1
42.6
40.3
.095
55
0.7
UZ760
60
10
70
1
45.7
43.2
.095
50
0.6
UZ770
70
10
90
1
53.3
50.5
.095
45
0.6
UZ775
75
10
100
1
56.0
54.0
.095
40
0.5
UZ780
80
10
115
1
60.8
57.7
.095
35
0.4
UZ790
90
8.0
150
1
68.5
64.8
.095
30
0.4
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - UZ708

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ708 MICROSEMI-UZ708 Datasheet
115Kb / 2P
POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ708 NJSEMI-UZ708 Datasheet
120Kb / 2P
POWER ZENERS 3 Watt
logo
Microsemi Corporation
UZ708HR2 MICROSEMI-UZ708HR2 Datasheet
115Kb / 2P
POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ708HR2 NJSEMI-UZ708HR2 Datasheet
120Kb / 2P
POWER ZENERS 3 Watt
More results

Similar Description - UZ708

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ4706 MICROSEMI-UZ4706 Datasheet
91Kb / 2P
POWER ZENERS
UZ5706 MICROSEMI-UZ5706 Datasheet
109Kb / 2P
POWER ZENERS
UZ706 MICROSEMI-UZ706 Datasheet
115Kb / 2P
POWER ZENERS
UZ706L MICROSEMI-UZ706L Datasheet
127Kb / 3P
POWER ZENERS
UZ8706 MICROSEMI-UZ8706 Datasheet
91Kb / 2P
POWER ZENERS
logo
Digitron Semiconductors
UZ8706 DIGITRON-UZ8706 Datasheet
207Kb / 2P
POWER ZENERS
UZ810 DIGITRON-UZ810 Datasheet
224Kb / 2P
POWER ZENERS 3WATT
logo
New Jersey Semi-Conduct...
UZ8706 NJSEMI-UZ8706 Datasheet
101Kb / 2P
POWER ZENERS
UZ5706 NJSEMI-UZ5706 Datasheet
116Kb / 2P
POWER ZENERS
UZ4706 NJSEMI-UZ4706 Datasheet
104Kb / 2P
POWER ZENERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com