Electronic Components Datasheet Search
  English  ▼

X  

UZ708 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # UZ708
Description  POWER ZENERS 3WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UZ708 Datasheet(HTML) 2 Page - Digitron Semiconductors

  UZ708 Datasheet HTML 1Page - Digitron Semiconductors UZ708 Datasheet HTML 2Page - Digitron Semiconductors UZ708 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UZ706 – UZ790 SERIES
POWER ZENERS
UZ110 – UZ140 SERIES
3 WATT
ELECTRICAL CHARACTERISTICS
ELECTRICAL SPECIFICATIONS @ 25°c
MAXIMUM RATINGS
Max.
Zener
Impedance
§
Maximum
Reverse Leakage
Current
TYPE*
Nominal Zener
Voltage †
VZ @ lZT
Test
Current
lZT
ZZ @ lZT
lR @
VR
+/-
5%
VR
+/-
10%
VR
Typ.
Temp.
Coefficient
TC @ lZT
Maximum
Continuous
Current
lZM
Maximum Surge
Current
‡
lS
+/- 5%
Tolerance
Volts
mA
Ohms
μA
Volts
Volts
%/°C
mA
Amps
UZ110
100
5.0
175
1
76.0
72.0
.100
30
0.4
UZ111
110
5.0
250
1
83.6
79.2
.100
25
0.3
UZ112
120
5.0
325
1
91.2
86.4
.100
25
0.2
UZ113
130
5.0
375
1
98.8
93.6
.100
20
0.20
UZ114
140
5.0
550
1
106
101
.100
20
0.20
UZ115
150
5.0
650
1
114
108
.100
20
0.20
UZ116
160
4.0
700
1
122
115
.100
20
0.15
UZ117
170
4.0
750
1
129
122
.100
18
0.15
UZ118
180
4.0
850
1
137
129
.100
18
0.10
UZ119
190
4.0
900
1
144
137
.100
15
0.10
UZ120
200
4.0
950
1
152
144
.100
15
0.10
UZ122
220
3.0
1100
1
167
158
.100
15
0.09
UZ124
240
3.0
1300
1
182
173
.105
12
0.09
UZ126
260
3.0
1500
1
198
187
.105
12
0.08
UZ128
280
3.0
1700
1
213
202
.105
10
0.08
UZ130
300
3.0
1900
1
228
216
.105
10
0.07
UZ132
320
2.0
2100
1
243
230
.105
9
0.07
UZ134
340
2.0
2400
1
258
245
.110
9
0.06
UZ136
360
2.0
2700
1
274
259
.110
8
0.06
UZ138
380
2.0
3000
1
289
274
.110
8
0.06
UZ140
400
2.0
3500
1
304
288
.110
7
0.06
•
Specify 20% voltage tolerance by changing first numeral of type number from 7 to 9 or from 1 to 3. Specify 10% voltage tolerance by changing first numeral of type number
from 7 to 8 or from 1 to 2.
†
All zener voltages are measured with an automated test set using a 35 ms test time.
Longer or shorter test times will have a corresponding effect on the measured value due to heating effects.
§
Zener impedance is derived from the 60-cycle AC voltage created when AC current with RMS value of 10% of DC zener test current is superimposed on the test current.
Maximum current based on 3 watt rating,
‡
Figures shown are for a peak sinusoidal surge current of 8.3 ms duration using 60 cycle AC. The 8.3 ms square pulse rating is 71% of the value shown.
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com