Electronic Components Datasheet Search
  English  ▼

X  

646 Datasheet(PDF) 5 Page - Mallory performance club

Part # 646
Description  WINDOW RPM ACTIVATED SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

646 Datasheet(HTML) 5 Page - Mallory performance club

  646 Datasheet HTML 1Page - Mallory performance club 646 Datasheet HTML 2Page - Mallory performance club 646 Datasheet HTML 3Page - Mallory performance club 646 Datasheet HTML 4Page - Mallory performance club 646 Datasheet HTML 5Page - Mallory performance club 646 Datasheet HTML 6Page - Mallory performance club 646 Datasheet HTML 7Page - Mallory performance club 646 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MALLORY TECHNICAL SUPPORT
(775) 882-6600
tech@mrgasket.com
MANUAL SHIFTING: TURN
SWITCH “OFF”
TOGGLE SWITCH
PART NO. 26074
PART NO. 646
PART NO. 646
PART NO. 646
TO 12V SOURCE
ORANGE OR PURPLE WIRES
RED, GREEN AND BLACK
WIRES: SEE PAGES 5-12
RED, GREEN AND BLACK
WIRES: SEE PAGES 5-12
RED, GREEN AND BLACK
WIRES: SEE PAGES 5-12
MANUAL SHIFTING: TURN SWITCH “OFF”
TOGGLE SWITCH
PART NO. 26074
TO 12V SOURCE
ORANGE OR PURPLE WIRES
MANUAL SHIFTING: TURN SWITCH “OFF”
TOGGLE SWITCH
TO 12V SOURCE
ORANGE OR PURPLE WIRES
HR - 106
1
3
5
USE ORANGE WIRES TO TURN
“ON” AT LOW RPM SETTING.
USE PURPLE WIRES TO TURN
“OFF” AT LOW RPM SETTING.
USE ORANGE WIRES TO TURN
“ON” AT LOW RPM SETTING.
USE PURPLE WIRES TO TURN
“OFF” AT LOW RPM SETTING.
USE ORANGE WIRES TO TURN
“ON” AT LOW RPM SETTING.
USE PURPLE WIRES TO TURN
“OFF” A
FIGURE 6
ELECTRIC (SHIFTER) SOLENOID



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com